Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11233AUBX Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK11233AUBX
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11233AUBX Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK11233AUBX Datasheet HTML 4Page - TOKO, Inc TK11233AUBX Datasheet HTML 5Page - TOKO, Inc TK11233AUBX Datasheet HTML 6Page - TOKO, Inc TK11233AUBX Datasheet HTML 7Page - TOKO, Inc TK11233AUBX Datasheet HTML 8Page - TOKO, Inc TK11233AUBX Datasheet HTML 9Page - TOKO, Inc TK11233AUBX Datasheet HTML 10Page - TOKO, Inc TK11233AUBX Datasheet HTML 11Page - TOKO, Inc TK11233AUBX Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Page 8
1-4-96
January, 1996 TOKO, Inc.
TK112xx A
TK11230A ELECTRICAL CHARACTERISTICS
Test conditions: T
A = 25 °C, VIN = 4.0 V, CP = 0.1 µF, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
I
IN
Quiescent Current
I
O = 0 mA, Except ICONT
170
350
µA
I
STBY
Standby Current
V
IN = 8 V, at output off
0.1
µA
VO
Output Voltage
IO = 30 mA
2.92
3.00
3.08
V
V
DROP
Dropout Voltage
I
O = 60 mA
0.16
0.26
V
I
O = 150 mA
0.29
0.4
V
IO
Output Current
VOUT = 2.7 V
180
240
mA
I
OR
Recommended Output Current
150
mA
Line Reg
Line Regulation
V
IN = 4 V → 9 V
3.0
20
mV
Load Reg
Load Regulation
I
O = 5 mA → 60 mA (Note 1)
10
50
mV
I
O = 5 mA → 100 mA
20
100
mV
I
O = 5 mA → 150 mA
30
160
mV
RR
Ripple Rejection
100 mV(rms), I
O = 10 mA
55
dB
∆V
O/∆TA
Output Voltage
VIN = 4.5 V, IO = 10 mA
0.05
mV/
°C
Temperature Dependency
-20
°C ≤ T
A ≤ + 75 °C
V
NO
Output Noise Voltage
10 Hz < f < 80 kHz,
30
µV(rms)
I
O = 30 mA
V
REF
Noise Bypass Terminal Voltage
1.25
V
Control Terminal Specification
I
CONT
Control Current
Output on, V
CONT = 1.8 V
12
30
µA
V
CONT
Control Voltage
Output on
1.8
V
Output off
0.6
V
t
r
Output Rise Time
I
O = 30 mA,
0.3
ms
V
CONT = 0 V → 1.8 V
Note 1:
This is a pulse measurement where T
J is constant. The output change due to temperature is not included.


Similar Part No. - TK11233AUBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11233B TOKO-TK11233B Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMCB TOKO-TK11233BMCB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMCL TOKO-TK11233BMCL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMIB TOKO-TK11233BMIB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMIL TOKO-TK11233BMIL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11233AUBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com