Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11233AUBX Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11233AUBX
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11233AUBX Datasheet(HTML) 1 Page - TOKO, Inc

  TK11233AUBX Datasheet HTML 1Page - TOKO, Inc TK11233AUBX Datasheet HTML 2Page - TOKO, Inc TK11233AUBX Datasheet HTML 3Page - TOKO, Inc TK11233AUBX Datasheet HTML 4Page - TOKO, Inc TK11233AUBX Datasheet HTML 5Page - TOKO, Inc TK11233AUBX Datasheet HTML 6Page - TOKO, Inc TK11233AUBX Datasheet HTML 7Page - TOKO, Inc TK11233AUBX Datasheet HTML 8Page - TOKO, Inc TK11233AUBX Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Page 1
January, 1996 TOKO, Inc.
1-4-96
TK112xxA
VOLTAGE REGULATOR WITH ON/OFF SWITCH
FEATURES
s High Voltage Precision at
± 2.4%
s Active High On/Off Control
s Very Low Dropout Voltage 80 mV at 30 mA
s Very Low Noise
s Very Small SOT-23L or SOT-89-5 Surface Mount
Packages
s Internal Thermal Shutdown
s Short Circuit Protection
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
TK112
A
Voltage Code
Package Code
Tape/Reel Code
TAPE/REEL CODE
BX : Bulk/Bag
TL : Tape Left
(SOT-23L)
TB : Tape Bottom
(SOT-89-5)
PACKAGE CODE
M: SOT-23L
U: SOT-89-5
ORDERING INFORMATION
VOLTAGE CODE
20 = 2.0 V*
21 = 2.1 V
22 = 2.22 V*
25 = 2.5 V*
28 = 2.8 V*
29 = 2.9 V
30 = 3.0 V*
31 = 3.1 V*
33 = 3.3 V*
35 = 3.5 V*
36 = 3.6 V
38 = 3.8 V
40 = 4.0 V*
42 = 4.2 V
45 = 4.5 V*
48 = 4.8 V*
49 = 4.9 V
50 = 5.0 V*
55 = 5.5 V
* Indicates voltage is available in a SOT-89-5 package.
BLOCK DIAGRAM
S
S
S
S
S
S
S
S
S
S
S
VOUT
GND
+
BANDGAP
REFERENCE
THERMAL
PROTECTION
+
S
NOISE BYPASS
S
S
S
S
S
S
VIN
CONTROL
S
S
TK112XXA
P50
1
3
CONTROL
GND
6
4
VIN
V
OUT
TK112xxA • PO
2
5
GND
NOISE
BYPASS
1
3
6
4
2
5
VOUT
GND
NOISE
BYPASS
GND
CONTROL
VIN
DESCRIPTION
The TK112xxA is a low dropout linear regulator with a built-
in electronic switch. The internal switch can be controlled
by TTL or CMOS logic levels. The device is in the ON state
when the control pin is pulled to a logic high level. An
external capacitor can be connected to the noise bypass
pin to lower the output noise level to 30
µVrms.
An internal PNP pass transistor is used to achieve a low
dropout voltage of 70 mV (typ.) at 30 mA load current. The
TK112xxA has a very low quiescent current of 180
µA at no
load and 1 mA with a 30 mA load. The standby current is
typically 100 nA. The internal thermal shutdown circuitry
limits the junction temperature to below 150
°C. The load
current is internally monitored and the device will shutdown
in the presence of a short circuit or overcurrent condition at
the output.
The TK112xxA is available in either 6 pin SOT-23L or 5 pin
SOT-89-5 surface mount packages.


Similar Part No. - TK11233AUBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11233B TOKO-TK11233B Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMCB TOKO-TK11233BMCB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMCL TOKO-TK11233BMCL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMIB TOKO-TK11233BMIB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11233BMIL TOKO-TK11233BMIL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11233AUBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com