Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA0J156K8R Datasheet(PDF) 4 Page - Rohm

Part # TCA0J156K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA0J156K8R Datasheet(HTML) 4 Page - Rohm

  TCA0J156K8R Datasheet HTML 1Page - Rohm TCA0J156K8R Datasheet HTML 2Page - Rohm TCA0J156K8R Datasheet HTML 3Page - Rohm TCA0J156K8R Datasheet HTML 4Page - Rohm TCA0J156K8R Datasheet HTML 5Page - Rohm TCA0J156K8R Datasheet HTML 6Page - Rohm TCA0J156K8R Datasheet HTML 7Page - Rohm TCA0J156K8R Datasheet HTML 8Page - Rohm TCA0J156K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
4/11
Item
Performance
Test conditions (based on JIS C 5101
−1 and JIS C 5101− 3)
Temperature
Stability
Surge voltage
Shall be satisfied the voltage on " Standard list "
As per 4.29 JIS C 5101-1
As per 4.13 JIS C 5101-3
As per 4.23 JIS C 5101-1
As per 4.15 JIS C 5101-3
As per 4.35 JIS C 5101-1
As per 4.9 JIS C 5101-3
Temp.
Appearance
There should be no significant abnormality.
Temp.
−55
°C
+85
°C
Df (tan
δ)
L.C.
L.C.
5
μA or 0.1CV whichever is greater
Shall be satisfied the voltage on " Standard list "
Df (tan
δ)
Shall be satisfied the voltage on " Standard list "
Df (tan
δ)
L.C.
6.3
μA or 0.125CV whichever is greater
Temp.
+125
°C
ΔC / C
Within 0/
−12% of initial value
ΔC / C
Within
+15/0% of initial value
ΔC / C
Others
: Within
+10/0% of initial value
Loading at
High temperature
ΔC / C
Df (tan
δ)
L.C.
L.C.
Shall be satisfied the voltage on " Standard list "
Less than initial limit
After applying the rated voltage for 2000
+72/0 h without
discontinuation via the serial resistance of 3
Ω or less
at a temperature of 85
±2°C, leave the sample at room
temperature / humidity for over 24h and measure the value.
As per 4.26JIS C 5101-1
As per 4.14JIS C 5101-3
Apply the specified surge voltage every 5
±0.5 min.
for 30
±5 s. each time in the atmospheric condition of 85±2°C.
Repeat this procedure 1,000 times.
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
Df (tan
δ)
Less than initial limit
Others
:
±10% of initial value
ΔC / C
TCA0G686
: Within
±15% of initial value
TCA0G107
: Within
±20% of initial value
TCA1A226
: Within
±15% of initial value
TCA0J476
: Within
±15% of initial value
There should be no significant abnormality.
Appearance
There should be no significant abnormality.
Appearance
Terminal
strength
The measured value should be stable.
A force is applied to the terminal until it bends to 1mm and
by a prescribed tool maintain the condition for 5s.
(See the figure below)
Capacitance
1
F (Apply force)
(Unit : mm)
20
50
R230
45
45
thickness=1.6mm
TCA0G686
: Within
+12/0% of initial value
TCA0G107
: Within
+12/0% of initial value
TCA0J686
: Within
+12/0% of initial value
TCA0G686
: Within
±15% of initial value
TCA0G686
: Less than 125% of initial limit
TCA0G107
: Less than 125% of initial limit
TCA1E105
: Less than 125% of initial limit
TCA1A226
: Less than 125% of initial limit
TCA0J686
: Less than 125% of initial limit
TCA0J686
: Within
±20% of initial value
TCA0G107
: Within
±20% of initial value
TCA0J686
: Within
±20% of initial value
Others
:
±10% of initial value
Others
: Less than initial limit


Similar Part No. - TCA0J156K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA0J156K ROHM-TCA0J156K Datasheet
152Kb / 14P
   Chip tantalum capacitors
More results

Similar Description - TCA0J156K8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com