Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15413 Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK15413
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15413 Datasheet(HTML) 3 Page - TOKO, Inc

  TK15413 Datasheet HTML 1Page - TOKO, Inc TK15413 Datasheet HTML 2Page - TOKO, Inc TK15413 Datasheet HTML 3Page - TOKO, Inc TK15413 Datasheet HTML 4Page - TOKO, Inc TK15413 Datasheet HTML 5Page - TOKO, Inc TK15413 Datasheet HTML 6Page - TOKO, Inc TK15413 Datasheet HTML 7Page - TOKO, Inc TK15413 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 2000 TOKO, Inc.
Page 3
TK15413
TEST CIRCUIT
V
CC
+
33 µF
VCC = 5.0 V
+
33 µF
+
33 µF
Output
VOUT = 2.0 VP-P
75
75
4.7 µF
+
75
Input A
4.7 µF
+
75
Input B
TP4
TP1A
TP1B
TP2
TP3
4
n
i
Pt
u
p
t
u
O
L1
n
i
P
H3
n
i
P
Switch Truth Table
MEASUREMENT METHOD
1. Supply Current (I
CC)
The Pin 2 current is measured with no input signal and the Standby Pin (Pin 5) open.
2. Standby Supply Current (I
STBY)
The Pin 2 current is measured when the Standby Pin (Pin 5) is connected to ground.
3. Standby Terminal Current (I
OS)
The Pin 5 current is measured when the Standby Pin (Pin 5) is connected to ground.
4. Standby Threshold Voltage (High to Low) (V
THL(STBY))
The Pin 5 voltage is measured at the point which changes the device from operating mode into standby mode.
5. Standby Threshold Voltage (Low to High) (V
TLH(STBY))
The Pin 5 voltage is measured at the point which changes the device from standby mode into operating mode.


Similar Part No. - TK15413

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410M TOKO-TK15410M Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL TOKO-TK15410MTL Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL/410 TOKO-TK15410MTL/410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15411 TOKO-TK15411 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results

Similar Description - TK15413

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15404 TOKO-TK15404 Datasheet
55Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com