Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

140-107XMT-0000 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 140-107XMT-0000
Description  Jumbo Junction Box
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

140-107XMT-0000 Datasheet(HTML) 2 Page - Glenair, Inc.

  140-107XMT-0000 Datasheet HTML 1Page - Glenair, Inc. 140-107XMT-0000 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-33
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
Series 140-107
Jumbo Junction Box
11.35 (288.2)
10.00 (254.0)
9.13 (231.9)
7.0 (177.8)
SIDE A
Ground Foot
9.50
(241.3)
SIDE D
Mounting Boss
Mounting Hole: Accomodates
1/4-20 or 6mm BOCT (4 Places)
EMI/RFI Tongue and Groove
with Environmental Seal
SIDE C
Captive Screws
3.88
(98.5)
3.25
(82.5)
A
A
SIDES
A and C
1
5.75
(146.1)
11.63
(295.4)
SIDE B
SIDES
B and D


Similar Part No. - 140-107XMT-0000

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
140-100XM-0000 GLENAIR-140-100XM-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140-100XMS-0000 GLENAIR-140-100XMS-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140-100XMT-0000 GLENAIR-140-100XMT-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140-100XO-0000 GLENAIR-140-100XO-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140-100XW-0000 GLENAIR-140-100XW-0000 Datasheet
330Kb / 2P
   Mini Junction Box
More results

Similar Description - 140-107XMT-0000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
   MOST Junction Box
logo
Glenair, Inc.
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
   Large Junction Box
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
   Medium Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
   Small Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
   Large Junction Box
140G200XO-0000 GLENAIR-140G200XO-0000 Datasheet
342Kb / 1P
   Octagonal Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
   Composite Junction Box Adapter
logo
Amphenol Wilcoxon Sensi...
CB WILCOXON-CB Datasheet
351Kb / 1P
   Cable termination junction box
Rev.E.1 09/18
logo
Glenair, Inc.
140-074-XM-0000 GLENAIR-140-074-XM-0000 Datasheet
306Kb / 2P
   Ultra-Miniature Junction Box
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com