Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP1C155M8R Datasheet(PDF) 11 Page - Rohm

Part # TCFGP1C155M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1C155M8R Datasheet(HTML) 11 Page - Rohm

Back Button TCFGP1C155M8R Datasheet HTML 6Page - Rohm TCFGP1C155M8R Datasheet HTML 7Page - Rohm TCFGP1C155M8R Datasheet HTML 8Page - Rohm TCFGP1C155M8R Datasheet HTML 9Page - Rohm TCFGP1C155M8R Datasheet HTML 10Page - Rohm TCFGP1C155M8R Datasheet HTML 11Page - Rohm TCFGP1C155M8R Datasheet HTML 12Page - Rohm TCFGP1C155M8R Datasheet HTML 13Page - Rohm TCFGP1C155M8R Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
11/13
Allowable power dissipation (W) and maximum temperature rising
Case
Ambient
temp
0.025
P case (2012)
0.022
0.020
0.010
5552
+25°C
Max. Temp Rise (
°C)
+55°C
+85°C
+125°C
(8) Impedance frequency characteristics
(9) ESR frequency characteristics
1
10
100
1000
10000
100000
G475
A case (3216)
C105
A case (3216)
C335
B case (3528)
A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY (Hz)
Fig.8
1
0.1
10
100
G475
A case (3216)
C105
A case (3216)
C335
B case (3528)
A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY (Hz)
Fig.9
(10) Temperature characteristics
−10
−6
−2
0
2
6
10
−55
25
CAP 120Hz
85
125
TEMPERATURE (
°C)
Fig.10
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)
0
1
2
3
4
5
−55
25
DF 120Hz
85
125
TEMPERATURE (
°C)
Fig.11
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)
10
100
1000
0
−55
25
LC 1WV
85
125
TEMPERATURE (
°C)
Fig.12
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)
1
2
3
0
−55
25
IMPEDANCE 100kHz
85
125
TEMPERATURE (
°C)
Fig.13
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)


Similar Part No. - TCFGP1C155M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1C155M8R ROHM-TCFGP1C155M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1C155M8R ROHM-TCFGP1C155M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1C155M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com