Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA1D476K8R Datasheet(PDF) 11 Page - Rohm

Part # TCA1D476K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA1D476K8R Datasheet(HTML) 11 Page - Rohm

Back Button TCA1D476K8R Datasheet HTML 4Page - Rohm TCA1D476K8R Datasheet HTML 5Page - Rohm TCA1D476K8R Datasheet HTML 6Page - Rohm TCA1D476K8R Datasheet HTML 7Page - Rohm TCA1D476K8R Datasheet HTML 8Page - Rohm TCA1D476K8R Datasheet HTML 9Page - Rohm TCA1D476K8R Datasheet HTML 10Page - Rohm TCA1D476K8R Datasheet HTML 11Page - Rohm TCA1D476K8R Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
11/11
The rush current is in inverse proportion to the ESR.
Rush current
The excessive rush current may cause a damage.
Fig. 11 Max. rush current and ESR
ESR
Ω (100kHz)
33
μF
33
μF
100
μF
tantalum capacitor
aluminum electrolysis
4.7
μF
4.7
μF
100
10
1
0.1
0.1
1
10
100
47
μF
Vpp=10V llimit=20A
Pulse Width=500
μsec.
Power OP Amp Slew Rate=10V/6
μs
22
μF
15
μF
The rush current may be reduced by the protection resistors
Fig. 12 Change in I max by protection resistors
V (V)
100
10
1
R
I =
0.476
+R
V
0.1
0.1
1
10
100
I =
SAMPLE 16V
−3.3μF
Pulse width=500
μsec
Slew rate=10V
−6μc
Current limit=20A
0.25
1.0
2.0
5.0
0.476
V
R=0
Ω
0.5


Similar Part No. - TCA1D476K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA1D475M8R ROHM-TCA1D475M8R Datasheet
933Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCA1D476K8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com