Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCOB0G336M8R Datasheet(PDF) 4 Page - Rohm

Part # TCOB0G336M8R
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOB0G336M8R Datasheet(HTML) 4 Page - Rohm

  TCOB0G336M8R Datasheet HTML 1Page - Rohm TCOB0G336M8R Datasheet HTML 2Page - Rohm TCOB0G336M8R Datasheet HTML 3Page - Rohm TCOB0G336M8R Datasheet HTML 4Page - Rohm TCOB0G336M8R Datasheet HTML 5Page - Rohm TCOB0G336M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCO Series B Case
Data Sheet
4/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.E
L.C
∆C / C
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
+−
After applying the rated voltage for 1000+72 h
without discontinuation via the serial resistance
of 3
Ω or less at a temperature of 85 2 C, leave
the sample at room temperature / humidity for
over 24h and measure the value.
There should be nonsignificant
abnormality.
Appearance
Loading at
High temperature
Less than 200% of initial limit
+−
Within 20% of initial value
150% of initial limit less than
Appearance
Terminal strength Capacitance The measured value should be stable.
There should nonsignificant abnormality.
A force is applied to the terminal until it bends
to 1mm and by a perscribed tool maintain the
condition for5s.(See the figure below)
1mm
F (Apply force)
(Unit : mm)
20
50
R230
45
45
thickness=1.6mm
Apply force
a circuit board
product
Adhesiveness
The terminal should not come off.
Apply force of 5N in the two directions shown
in the figure below for 10 1s after mounting the
terminal on a circuit board.
+−
Vibration
Dimensions
Resistance to solvents
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
Refer to "External dimensions"
The indication should be clear
Measure using a caliper of JISB 7507 Class 2
or higher grade.
Dip in the isopropyl alcohol for 30 5s, at room
temperature.
+−
Dip speed=25 2.5mm
/ s
Pre
−treatment(accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp.
+−
.
: 245 5 C
: 3 0.5s
: M705
: Rosin25%
IPA75%
+−
+−
Duration
Solder
Flux
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print
circuit board.
Capacitance Measure value should not fluctuate during the
measurement.
Appearance There should no significant abnormality.
Df
(tan
δ)


Similar Part No. - TCOB0G336M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOB0G476M8R ROHM-TCOB0G476M8R Datasheet
156Kb / 6P
   Chip tantalum capacitors
More results

Similar Description - TCOB0G336M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com