Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCOP0J106M8R Datasheet(PDF) 1 Page - Rohm

Part # TCOP0J106M8R
Description  Chip tantalum capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOP0J106M8R Datasheet(HTML) 1 Page - Rohm

  TCOP0J106M8R Datasheet HTML 1Page - Rohm TCOP0J106M8R Datasheet HTML 2Page - Rohm TCOP0J106M8R Datasheet HTML 3Page - Rohm TCOP0J106M8R Datasheet HTML 4Page - Rohm TCOP0J106M8R Datasheet HTML 5Page - Rohm TCOP0J106M8R Datasheet HTML 6Page - Rohm TCOP0J106M8R Datasheet HTML 7Page - Rohm TCOP0J106M8R Datasheet HTML 8Page - Rohm TCOP0J106M8R Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCO series P Case
Tantalum capacitors
Rev.C
1/8
Chip tantalum capacitors
TCO Series P Case
Features (P)
Dimensions (Unit : mm)
1) Conductive polymer used for the
cathode material.
2) Ultra-low ESR.
(1/10 compared with the conventional type)
3) Screening by thermal shock.
Part No. Explanation
Case style
Series name
Capacitance tolerance
Capacitance tolerance
Rated voltage (V)
10
0J
1A
Code
Rated voltage
P
6.3
Code
Nominal capacitance
R : Positive electrode
on the side opposite
to sprocket hole
8 : Tape width
M
0
J
8
R
1
0
6
Nominal capacitance in pF in
3 digits: 2 significant figures
followed by the figure
representing the number of 0's.
M
20%
+−
T
C O
Dimensions
L
H
S
W2
W1
S
S
W
H
L
W
Anode mark
2
1
(Unit : mm)
2.0 0.2
+−
1.25 0.2
+−
0.9 0.2
+−
1.1 0.1
+−
0.45 0.3
+−
P case
+


Similar Part No. - TCOP0J106M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCO ROHM-TCO Datasheet
106Kb / 10P
   Chip tantalum capacitors
logo
Epson ToYoCom
TCO-2000 EPSONTOYOCOM-TCO-2000 Datasheet
433Kb / 3P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
TCO-2100 EPSONTOYOCOM-TCO-2100 Datasheet
433Kb / 3P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
TCO-2152 EPSONTOYOCOM-TCO-2152 Datasheet
323Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
TCO-291J ETC-TCO-291J Datasheet
104Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
More results

Similar Description - TCOP0J106M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com