Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGB1C107K8R Datasheet(PDF) 4 Page - Rohm

Part # TCFGB1C107K8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB1C107K8R Datasheet(HTML) 4 Page - Rohm

  TCFGB1C107K8R Datasheet HTML 1Page - Rohm TCFGB1C107K8R Datasheet HTML 2Page - Rohm TCFGB1C107K8R Datasheet HTML 3Page - Rohm TCFGB1C107K8R Datasheet HTML 4Page - Rohm TCFGB1C107K8R Datasheet HTML 5Page - Rohm TCFGB1C107K8R Datasheet HTML 6Page - Rohm TCFGB1C107K8R Datasheet HTML 7Page - Rohm TCFGB1C107K8R Datasheet HTML 8Page - Rohm TCFGB1C107K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
4/12
Temperature
Stability
Shall be satisfied the voltage on "Standard list"
5
μA or 0.1CV whichever is greater
TCFGB0G227 : 5
μA or 0.2CV whichever is greater
6.3
μA or 0.125CV whichever is greater
TCFGB1E475 : 0.2CV
TCFGB0G227 : 0.25CV
+125°C
Apply the specified surge voltage every 5
±0.5min.
for 30
±5 s. each time in the atmospheric condition
of 85
±2°C.
Repeat this procedure 1,000 times.
After the specimens, leave it at room temperature
for over 24h and then measure the sample.
Surge
Voltage
There should be no significant abnormality.
TCFGB1E475 : Less than 150% of initial limit
TCFGB0G227 : Less than 150% of initial limit
Others
: Less than initial limit
Within 0/
−12%of initial value
TCFGB0G227 : Within 0/
−15%of initial value
−55°C
+85°C
Shall be satisfied the voltage on "Standard list"
Within
+10/0%of initial value
TCFGB0G227 : Within
+12/0%of initial value
Within
+15/0%of initial value
TCFGB0G227 : Less than
±15%
TCFGB0E227 : Less than
±12%
Others
: Less than initial value
Shall be satisfied the voltage on "Standard list"
Loading at
High
temperature
There should be no significant abnormality.
The indications should be clear.
After applying the rated voltage for 2000+72/0h
without discontinuation via the serial resistance
of 3
Ω or less at a temperature of 85±2°C, leave
the sample at room temperature/humidity for
1 to 2h and measure the value.
After the specimens, leave it at room temperature
for over 24h and then measure the sample.
TCFGB0G227 : Within
±15%
Others
: Within
±10%
TCFGB0G227 : Less than 150% of initial limit
TCFGB1E475 : Less than 150% of initial limit
TCFGB0E227 : Less than 125% of initial limit
Others
: Less than initial limit
Terminal
Strength
The measured value should be stable.
A force is applied to the terminal until it bends
to 1mm and by a prescribed tool maintain the
condition for 5s. (See the figure below.)
Temp.
ΔC / C
L.C
Temp.
ΔC / C
tan
δ
L.C
ΔC / C
L.C
Temp.
Appearance
ΔC / C
tan
δ
L.C
tan
δ
tan
δ
Appearance
ΔC / C
L.C
tan
δ
Capacitance
Appearance There should be no significant abnormality.
1
F (Apply force)
(Unit : mm)
20
50
R230
45
45
Thickness 1.6mm
Adhesiveness
The terminal should not come off.
Apply force of 5N in the two directions shown
in the figure below for 10
±1s after mounting
the terminal on a circuit board.
Apply force
a circuit board
product
As per 4.29 JIS C 5101-1
As per 4.13 JIS C 5101-3
As per 4.26 JIS C 5101-1
As per 4.14 JIS C 5101-3
As per 4.23 JIS C 5101-1
As per 4.15 JIS C 5101-3
As per 4.35 JIS C 5101-1
As per 4.9 JIS C 5101-3
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
3.3 to 33
μF : Less than initial limit
47 to 220
μF : Less than 150% of initial limit
TCFGB0G227 : Less than 200% of initial limit
3.3 to 33
μF : Less than initial limit
47 to 220
μF : Less than 150% of initial limit
TCFGB0G227 : Less than 200% of initial limit
TCFGB1C336 : Less than 150% of initial limit


Similar Part No. - TCFGB1C107K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB1C106K ROHM-TCFGB1C106K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1C106K8R ROHM-TCFGB1C106K8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFGB1C106K8R ROHM-TCFGB1C106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1C106M ROHM-TCFGB1C106M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1C106M8R ROHM-TCFGB1C106M8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
More results

Similar Description - TCFGB1C107K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com