Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCOB0J476M Datasheet(PDF) 5 Page - Rohm

Part # TCOB0J476M
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOB0J476M Datasheet(HTML) 5 Page - Rohm

  TCOB0J476M Datasheet HTML 1Page - Rohm TCOB0J476M Datasheet HTML 2Page - Rohm TCOB0J476M Datasheet HTML 3Page - Rohm TCOB0J476M Datasheet HTML 4Page - Rohm TCOB0J476M Datasheet HTML 5Page - Rohm TCOB0J476M Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TCO Series B Case
Data Sheet
5/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.E
Standard list, TCO series
Part No.
Rated
Voltage
85
°C
(V)
Category
Voltage
105
°C
(V)
Surge
Voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
Current
25
°C
1WV 5min
(
µA)
Df
120Hz
(%)
−55°C
105
°C
25
°C
85
°C
ESR
100kHz
(m
Ω)
< B case : 3528 size >
6.3
6.3
10
5
5
8
8
8
13
TCO B 0J 336 M
TCO B 0J 476 M
TCO B 1A 336 M
33
47
33
8
12
150
150
150
8
812
8
812
8
20
+−
20
+−
20
+−
21
4
3.2
5
TCO B 0G 157 M
150
8
12
150
8
20
+−
60
30
6.3
5
8
TCO B 0J 107 M
100
150
812
8
20
+−
63
33
10
8
13
TCO B 1A 476 M
47
150
812
8
20
+−
47
Packaging specifications
Pull-out direction
Tape [ B case ]
Reek [ B case ]
Unit : [mm]
11.4 1.0
Labelsticling position
EIAJ ET
−7200B compatible
Pull direction
+−
Case
B
A 0.1
+−
B 0.1
+−
t1 0.05
+−
t2 0.1
+−
3.3
3.8
0.25
2.2
2.0±0.05
4.0±0.1
4.0±0.1
A
B
Chip
φ1.5 +0.1
−0
t2
t1
Packaging style
2,000pcs
Case code
package
Taping
B
Packaging style
plastic taping
φ180mmReel
Symbol
R
Basic ordering units
Damp proof package
One reel is packed in aluminum bag.
The size of aluminum bag is 240(a) x 250(b)mm.
The size up to 230(c)mm is to zipper.
A desiccant is packed with a reel.
The aluminum bag is heat-sealed.
The label of the same as the label on the reel is placed on the
aluminum bag.
C
b
a


Similar Part No. - TCOB0J476M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOB0J476M8R ROHM-TCOB0J476M8R Datasheet
156Kb / 6P
   Chip tantalum capacitors
More results

Similar Description - TCOB0J476M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com