Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15415MTL Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK15415MTL
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15415MTL Datasheet(HTML) 4 Page - TOKO, Inc

  TK15415MTL Datasheet HTML 1Page - TOKO, Inc TK15415MTL Datasheet HTML 2Page - TOKO, Inc TK15415MTL Datasheet HTML 3Page - TOKO, Inc TK15415MTL Datasheet HTML 4Page - TOKO, Inc TK15415MTL Datasheet HTML 5Page - TOKO, Inc TK15415MTL Datasheet HTML 6Page - TOKO, Inc TK15415MTL Datasheet HTML 7Page - TOKO, Inc TK15415MTL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
January 2000 TOKO, Inc.
TK15415
TYPICAL PERFORMANCE CHARACTERISTICS
5.5
6.0
Y-CHANNEL VOLTAGE GAIN
VS.
SUPPLY VOLTAGE
VCC (V)
4.5
4.0
4.5
5.0
5.5
6.0
6.5
5.0
5.5
6.0
C-CHANNELVOLTAGE GAIN
VS.
SUPPLY VOLTAGE
VCC (V)
4.5
4.0
4.5
5.0
5.5
6.0
6.5
5.0
5.5
6.0
CVBS CHANNEL VOLTAGE GAIN
VS.
SUPPLY VOLTAGE
VCC (V)
4.5
4.0
4.5
5.0
5.5
6.0
6.5
5.0
-4.0
-2.0
S-VHS DIFFERENTIAL GAIN
VS.
SUPPLY VOLTAGE
VCC (V)
-8.0
4.0
4.5
5.0
5.5
6.0
0.0
-6.0
0.0
2.0
S-VHS DIFFERENTIAL PHASE
VS.
SUPPLY VOLTAGE
VCC (V)
-4.0
4.0
4.5
5.0
5.5
6.0
4.0
-2.0
-4.0
-2.0
CVBS DIFFERENTIAL GAIN
VS.
SUPPLY VOLTAGE
VCC (V)
-8.0
4.0
4.5
5.0
5.5
6.0
0.0
-6.0


Similar Part No. - TK15415MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410M TOKO-TK15410M Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL TOKO-TK15410MTL Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL/410 TOKO-TK15410MTL/410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15411 TOKO-TK15411 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results

Similar Description - TK15415MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15404 TOKO-TK15404 Datasheet
55Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com