Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11146SCL Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK11146SCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11146SCL Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK11146SCL Datasheet HTML 3Page - TOKO, Inc TK11146SCL Datasheet HTML 4Page - TOKO, Inc TK11146SCL Datasheet HTML 5Page - TOKO, Inc TK11146SCL Datasheet HTML 6Page - TOKO, Inc TK11146SCL Datasheet HTML 7Page - TOKO, Inc TK11146SCL Datasheet HTML 8Page - TOKO, Inc TK11146SCL Datasheet HTML 9Page - TOKO, Inc TK11146SCL Datasheet HTML 10Page - TOKO, Inc TK11146SCL Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
March 1999 TOKO, Inc.
Page 7
TK111xxS
REVERSE BIAS CURRENT
(VIN = 0 V)
VREV (V)
0
10
20
500
400
300
200
100
0
STANDBY CURRENT (OFF MODE)
VS.
INPUT VOLTAGE
VIN (V)
0
10
20
100
50
0
QUIESCENT CURRENT (ON MODE)
VS.
INPUT VOLTAGE
VIN (V)
0
5
10
2
1
0
IOUT = 0 mA
VOUT = 3 V
CONTROL CURRENT VS.
CONTROL VOLTAGE
VCONT (V)
0
1
2
3
4
5
10
6
0
8
4
2
VOUT
GROUND CURRENT
TA (°C)
-50
0
50
100
2
0
1
IOUT = 60 mA
IOUT = 30 mA
DROPOUT VOLTAGE
TA (°C)
-50
0
50
100
200
0
100
IOUT = 60 mA
IOUT = 30 mA
IOUT = 100 mA
CONTROL CURRENT
TA (°C)
-50
0
50
100
8
0
6
10
4
2
VCONT = 5 V
VCONT = 1.8 V
VCONT (VOUT, ON POINT)
TA (°C)
-50
0
50
100
2
0
1
RCONT = 0 Ω
MAXIMUM OUTPUT CURRENT
TA (°C)
-50
0
50
100
260
220
230
250
240
VOUT = 2.7 V
OR ABOVE
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK11146SCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11146M TOKO-TK11146M Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11146MCL TOKO-TK11146MCL Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11146MIL TOKO-TK11146MIL Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11146SCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com