Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTCL1A477MCR Datasheet(PDF) 4 Page - Rohm

Part # TCTCL1A477MCR
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTCL1A477MCR Datasheet(HTML) 4 Page - Rohm

  TCTCL1A477MCR Datasheet HTML 1Page - Rohm TCTCL1A477MCR Datasheet HTML 2Page - Rohm TCTCL1A477MCR Datasheet HTML 3Page - Rohm TCTCL1A477MCR Datasheet HTML 4Page - Rohm TCTCL1A477MCR Datasheet HTML 5Page - Rohm TCTCL1A477MCR Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCT Series CL Case
Data Sheet
4/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.D
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre
−treatment(accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard products list, TCT series CL case
=Tolerance (M :
±20%)
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
µA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)
10
15
TCT CL 1A 157M
150
6.3
13
30
12
16
1.3
±20
6.3
13.9
TCT CL 0J 227M
220
4
8
321420
0.8
±20
Packaging specifications
Case code
CL
A 0.1
+−
B 0.1
+−
t1 0.05
+−
t2 0.1
+−
3.5
6.6
0.3
1.7
Taping [CL case]
Feeding direction
Chip
t2
t1
2.0
±0.1
8.0
±0.1
4.0
±0.1
A
B
φ1.5 +0.1
−0


Similar Part No. - TCTCL1A477MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTCL1A475M8R ROHM-TCTCL1A475M8R Datasheet
117Kb / 7P
   Chip tantalum capacitors
TCTCL1A476M8R ROHM-TCTCL1A476M8R Datasheet
117Kb / 7P
   Chip tantalum capacitors
More results

Similar Description - TCTCL1A477MCR

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com