Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTAS0G475M8R Datasheet(PDF) 2 Page - Rohm

Part # TCTAS0G475M8R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTAS0G475M8R Datasheet(HTML) 2 Page - Rohm

  TCTAS0G475M8R Datasheet HTML 1Page - Rohm TCTAS0G475M8R Datasheet HTML 2Page - Rohm TCTAS0G475M8R Datasheet HTML 3Page - Rohm TCTAS0G475M8R Datasheet HTML 4Page - Rohm TCTAS0G475M8R Datasheet HTML 5Page - Rohm TCTAS0G475M8R Datasheet HTML 6Page - Rohm TCTAS0G475M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCT Series AS Case
Data Sheet
2/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.E
Rated table
Rated voltage (V)
Under development
(
µF)
4
0G
2.5
0E
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
0.68 (684)
1.0 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
6.8 (685)
150 (157)
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
AS
AS
AS
AS
AS
AS
AS
AS
AS
AS
AS
AS
220 (227)
330 (337)
470 (477)
AS ∗
AS
AS
AS
AS ∗
AS ∗
AS ∗
AS ∗
NEW
NEW
NEW
Marking
A s
A s
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of AS case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
Capacitance
Code
Nominal
Capacitance (
µF)
[AS case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1)
A
(2)
s
g
j
A
E
V
4
e
2.5
6.3
10
C
D
16
20
25
35
a
S
W
A
E
J
N
S
W
e
j
n
10
15
22
33
s47
w68
100
a
150
e
220
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
j
manufacture code


Similar Part No. - TCTAS0G475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTAS0G476M8R ROHM-TCTAS0G476M8R Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results

Similar Description - TCTAS0G475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com