Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTOP0J475M8R Datasheet(PDF) 2 Page - Rohm

Part # TCTOP0J475M8R
Description  Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTOP0J475M8R Datasheet(HTML) 2 Page - Rohm

  TCTOP0J475M8R Datasheet HTML 1Page - Rohm TCTOP0J475M8R Datasheet HTML 2Page - Rohm TCTOP0J475M8R Datasheet HTML 3Page - Rohm TCTOP0J475M8R Datasheet HTML 4Page - Rohm TCTOP0J475M8R Datasheet HTML 5Page - Rohm TCTOP0J475M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
TCTO Series P Case
Rated table
Rated voltage (V)
Remark) Case size codes (P) in the above show products line-up.
Under development
(
µF)
4
0G
2.5
0E
3.3 (335)
4.7 (475)
6.8 (685)
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
6.3
0J
10
1A
1.5 (155)
1.0 (105)
2.2 (225)
P
PP
PP
PP
P
P
P
P
P
Marking
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of P case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
Capacitance
Code
Nominal
Capacitance (
µF)
[Pcase]
note 1)
note 2) voltage code and capacitance code are variable with parts number
manufacture code
(1)
g
(2)
n
g
j
A
4
e
2.5
6.3
10
g n
g n
n33
s47
w
68
j22
S
4.7
W
6.8
a
10
15
e


Similar Part No. - TCTOP0J475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTOAL0E105M8R ROHM-TCTOAL0E105M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E106M8R ROHM-TCTOAL0E106M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E107M8R ROHM-TCTOAL0E107M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E156M8R ROHM-TCTOAL0E156M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E157M8R ROHM-TCTOAL0E157M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
More results

Similar Description - TCTOP0J475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTO_M ROHM-TCTO_M Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_AL ROHM-TCTO_AL Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com