Electronic Components Datasheet Search |
|
TCTCL1A226M8R Datasheet(PDF) 5 Page - Rohm |
|
TCTCL1A226M8R Datasheet(HTML) 5 Page - Rohm |
5 / 7 page TCT Series P Case Tantalum capacitors Rev.D 5/6 Item Performance Test conditions (JIS C 5101 −1 and JIS C 5101− 3) Adhesiveness Dimensions The terminal should not come off. As per 4.34 JIS C 5101-1 As per 4.8 JIS C 5101-3 Apply force of 5N in the two directions shown in the figure below for 10 ±1s after mounting the terminal on a circuit board. Apply force a circuit board product Refer to "External dimensions" Measure using a caliper of JIS B 7507 Class 2 or higher grade. Resistance to solvents The indication should be clear As per 4.32 JIS C 5101-1 As per 4.18 JIS C 5101-3 Dip in the isopropyl alcohol for 30 ±5s, at room temperature. Solderability 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder. As per 4.15.2 JIS C 5101-1 As per 4.7 JIS C 5101-3 Dip speed=25 ±2.5mm / s Pre −treatment(accelerated aging): Leave the sample on the boiling distilled water for 1 h. Solder temp. : 245 ±5°C Duration : 3 ±0.5s Solder : M705 Flux : Rosin 25% IPA 75% Capacitance Vibration Appearance Measure value should not fluctuate during the measurement. There should be no significant abnormality. As per 4.17 JIS C 5101-1 Frequency : 10 to 55 to 10Hz/min. Amplitude : 1.5mm Time : 2h each in X and Y directions Mounting : The terminal is soldered on a print circuit board. Standard products list, TCT series P case Part No. Rated voltage 85 °C (V) Category voltage 125 °C (V) Surge voltage 85 °C (V) Cap. 120Hz ( µF) Tolerance (%) Leakage current 25 °C 1WV.60s ( µA) Df 120Hz (%) −55 °C 125 °C 25 °C 85 °C Impedance 100kHz ( Ω) 15 1.5 22 2.2 1.6 10 4 22 1.9 1.4 1.3 33 2.1 TCT P 0G 336M8R TCT P 0J 226M8R TCT P 0J 336M8R TCT P 1A 156M8R TCT P 1A 226M8R TCT P 1C 106M8R 33 TCT P 0G 476M8R 47 2.5 5.2 4 2.5 5.2 6.3 4 8 6.3 4 8 10 6.3 13 10 6.3 13 16 10 20 30 20 20 20 30 30 30 20 30 30 20 30 30 20 30 30 20 30 30 30 30 4.0 47 14.8 TCT P 0J 476M8R 6.3 4 8 30 60 40 4.0 6.0 5.0 6.0 0.55 2.2 TCT P 1E 225M8R 25 16 33 20 30 30 8.0 4.0 4 20 TCT P 0G 107M8R 100 2.5 5.2 60 30 40 4.0 2.5 12.5 TCT P 0E 107M8R 100 1.6 3.2 60 30 40 4.0 4.0 13.6 TCT P 0G 686M8R 68 4 2.5 5.2 30 60 40 4.0 5.0 33 16.5 TCT P 1A 336M8R 10 6.3 13 30 60 40 4.0 ±20 ±20 ±20 ±20 ±20 ±20 ±20 ±20 ±20 ±20 ±20 ±20 ±20 |
Similar Part No. - TCTCL1A226M8R |
|
Similar Description - TCTCL1A226M8R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |