Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK65020MTL Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK65020MTL
Description  STEP-UP VOLTAGE CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65020MTL Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK65020MTL Datasheet HTML 6Page - TOKO, Inc TK65020MTL Datasheet HTML 7Page - TOKO, Inc TK65020MTL Datasheet HTML 8Page - TOKO, Inc TK65020MTL Datasheet HTML 9Page - TOKO, Inc TK65020MTL Datasheet HTML 10Page - TOKO, Inc TK65020MTL Datasheet HTML 11Page - TOKO, Inc TK65020MTL Datasheet HTML 12Page - TOKO, Inc TK65020MTL Datasheet HTML 13Page - TOKO, Inc TK65020MTL Datasheet HTML 14Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADVANCED INFORMATION
Page 10
January 1999 TOKO, Inc.
TK65020
HIGHER-ORDER DESIGN EQUATION
The equation above was developed as a closed form approximation. In order to allow a closed form approximation, the
design variable that required the least approximation was “I
OUT,” as opposed to “L”.
The approximations made in the equation development have the primary consequence that error is introduced as
resistive losses become relatively large. As it is normally a practical design goal to ensure that resistive losses will be
relatively small, this seems acceptable. The variables used are:
I
OUT
Output current
capability
I
OUT(TGT)
Targeted output current capability
V
OUT
Output voltage
V
F
Diode forward voltage
V
BB
Battery voltage, unloaded
D
Oscillating duty ratio of main switch
f
Oscillator frequency
L
Inductance value
R
S
Source resistance (battery + filter)
R
L
Inductor winding resistance
R
SW
Switch on-state resistance
R
OF
Output filter resistance
R
U
ESR of upstream output capacitor
C
S
Snubber capacitance
Deriving a design solution with this equation is necessarily an iterative process. Use worst-case tolerances as described
for inductor selection, using different values for “L” to approximately achieve an “I
OUT” equal to the targeted value. Then,
fine tune the parasitic values as needed and, if necessary, readjust “L” again and reiterate the process.
SINGLE-CELL APPLICATION (CONT.)
ƒC
S [VBB
2+ (V
OUT+ VF)
2 + (V
OUT + VF - VBB)
2 ]
2(V
OUT + VF)
I
OUT =
V
OUT + ROFIOUT(TGT) +
(V
BBRU) + VF - VBB
1 -
(R
S+ RL)
2ƒ L
D
(
2ƒ L
D
)
2ƒ L
D
[
)
(
2ƒ L
D
1-
(R
S + RL + RSW)
]
2
-
V
BB
2
D


Similar Part No. - TK65020MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025M TOKO-TK65025M Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MBX TOKO-TK65025MBX Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MBX/M25 TOKO-TK65025MBX/M25 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025MTL TOKO-TK65025MTL Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65020MTL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com