Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK65025 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK65025
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65025 Datasheet(HTML) 1 Page - TOKO, Inc

  TK65025 Datasheet HTML 1Page - TOKO, Inc TK65025 Datasheet HTML 2Page - TOKO, Inc TK65025 Datasheet HTML 3Page - TOKO, Inc TK65025 Datasheet HTML 4Page - TOKO, Inc TK65025 Datasheet HTML 5Page - TOKO, Inc TK65025 Datasheet HTML 6Page - TOKO, Inc TK65025 Datasheet HTML 7Page - TOKO, Inc TK65025 Datasheet HTML 8Page - TOKO, Inc TK65025 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2
February, 1997 Toko, Inc.
Page 1
TK65025
VIN
VOUT
CONT ROL
CIRCUIT
GND
RC OSC.
IND
RESET
VREF
UVLO
1
3
4
6
2,5
BLOCK DIAGRAM
TK65025M
Tape/Reel Code
TAPE/REEL CODE
BX : Bulk/Bag
TL : Tape Left
ORDERING INFORMATION
DESCRIPTION
The TK65025 Low Power Step-Up DC-DC converter is
designed for portable battery-powered systems, capable
of operating from a single battery cell down to 0.9 V. The
TK65025 provides the power switch and the control circuit
for a boost converter. The converter takes a DC input and
boosts it up to 3 volts. This regulated 3 volt output is
typically used to supply power to a microprocessor-con-
trolled system.
The output voltage is laser-trimmed to 3.0 V. An
internal detector monitors the output voltage and provides
an active-low microprocessor reset signal whenever the
output voltage falls below an internally preset limit. An
internal undervoltage lockout circuit is utilized to prevent
the inductor switch from remaining in the "ON" mode when
the battery voltage is too low to permit normal operation.
Pulse burst modulation (PBM) is used to regulate the
voltage at the VOUT pin at the IC. PBM is the process in
which an oscillator signal is gated or not gated to the switch
drive each period. The decision is made just before the
start of each cycle and is based on comparing the output
voltage to an internally-generated bandgap reference. The
decision is latched, so the duty ratio is not modulated within
a cycle. The average duty ratio is effectively modulated by
the "bursting" and skipping of pulses which can be seen at
the IND pin of the IC. Special care has been taken to
achieve high reliability through the use of Oxide, double
Nitride passivation. The TK65025 is available in a very
small plastic surface mount package. (SOT-23L)
Customized levels of accuracy in oscillator frequency
and output voltage are available.
TK65025M
1
3
6
4
2
5
VIN
IND
GND
GND
RESET
VOUT
M25
STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
FEATURES
s Guaranteed 0.9 V Operation
s Very Low Quiescent Current
s Internal Bandgap Reference
s High Efficiency MOS Switching
s Low Output Ripple
s Microprocessor Reset Output
s Laser-Trimmed Output Voltage
s Laser-Trimmed Oscillator
s Undervoltage Lockout
s Regulation by Pulse Burst Modulation (PBM)


Similar Part No. - TK65025

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
TK65020MTL TOKO-TK65020MTL Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
TK65020MTL/20M TOKO-TK65020MTL/20M Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results

Similar Description - TK65025

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK652XX TOKO-TK652XX Datasheet
141Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com