Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189HW038XM1506K-D Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189HW038XM1506K-D
Description  Composite Connector Backshell Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HW038XM1506K-D Datasheet(HTML) 1 Page - Glenair, Inc.

  189HW038XM1506K-D Datasheet HTML 1Page - Glenair, Inc. 189HW038XM1506K-D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
189-038
Composite Connector Backshell Adapter
for Helical Convoluted Tubing to be used with
MIL-DTL-38999 Series III & IV Fiber Optic Connectors
Product Series
Connector Designator
H = MIL-DTL-38999
Series III & IV
Angular Function
S = Straight
T = 45° Elbow
W = 90° Elbow
Basic Number
Finish Symbol
(Table III)
189 H S 038 XW 17 16 K-D
D = With Black Dacron
Overbraid (Omit for
None
K = PEEK
(Omit for PFA, ETFE
or FEP)
Tubing Size Dash No.
(See Table I)
Shell Size
(See Table II)
2.00 (50.8)
ONE PIECE SET UP
2.00 (50.8)
A Thread
S - STRAIGHT
120-100 Convoluted Tubing shown for
reference only. For Dacron Overbraiding,
see Glenair P/N 120-103.
Tubing I.D.
J
G
H
E
F
W - 90°
T - 45°
Knurl or Flute Style Mfr Option


Similar Part No. - 189HW038XM1506K-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HW039XM1106K-D GLENAIR-189HW039XM1106K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1109K-D GLENAIR-189HW039XM1109K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1110K-D GLENAIR-189HW039XM1110K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1112K-D GLENAIR-189HW039XM1112K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1114K-D GLENAIR-189HW039XM1114K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
More results

Similar Description - 189HW038XM1506K-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-039 GLENAIR-189-039 Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
189-038 GLENAIR-189-038 Datasheet
336Kb / 2P
   Composite Connector Backshell Adapter
189HS039XW1106K-D GLENAIR-189HS039XW1106K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
   Composite Straight Backshell Adapter
712-416 GLENAIR-712-416 Datasheet
505Kb / 2P
   Composite Straight Backshell Adapter
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
377HS014XM11 GLENAIR-377HS014XM11 Datasheet
429Kb / 2P
   Composite Thermoplastic Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
319A064XO08A GLENAIR-319A064XO08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com