Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189MS052N1212K Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 189MS052N1212K
Description  Convoluted Tubing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189MS052N1212K Datasheet(HTML) 2 Page - Glenair, Inc.

  189MS052N1212K Datasheet HTML 1Page - Glenair, Inc. 189MS052N1212K Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
189 M* 052
Convoluted Tubing Backshell
for Series 80 "Mighty Mouse" Fiber Optic Connectors
TABLE I: SHELL SIZE
Shell
Size
A Thread
Class 2B
B
Max
C
D
Max
E
Max
F
Max
G
Max
12
.6875-24 UNEF-2A
.910 (23.1)
.620 (15.7) .910 (23.1)
1.250 (31.8) 1.985 (50.4) 2.395 (60.8)
14
.9375-20 UNEF-2A 1.250 (31.8)
.875 (22.2) 1.020 (25.9) 1.370 (34.8) 2.115 (53.7) 2.465 (62.6)
15
.9375-20 UNEF-2A 1.250 (31.8)
.875 (22.2) 1.020 (25.9) 1.370 (34.8) 2.115 (53.7) 2.465 (62.6)
TABLE III: FINISH
SYM
MATERIAL
FINISH
NF
Aluminum
Cadmium/Olive Drab over
Electroless Nickel
(500 Hr. Salt Spray)
B
Aluminum
Cadmium Plate/Olive Drab
J
Aluminum
Gold Iridite over Cadmium
Plate over Nickel
N
Aluminum
Cadmium Plate/Olive Drab
over Nickel
M
Aluminum
Electroless Nickel
T
Aluminum
Cadmium Plate/Bright Dip
over Nickel
TABLE II: PEEK CONDUIT SIZE
Conduit Size
Frac. Size
Dash No.
H
Max
3/8
12
.320 (8.1)
1/2
16
.425 (10.8)
5/8
20
.550 (14.0)
3/4
24
.680 (17.3)


Similar Part No. - 189MS052N1212K

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
189MS8E HITTITE-189MS8E Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results

Similar Description - 189MS052N1212K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189M052 GLENAIR-189M052 Datasheet
184Kb / 1P
   Convoluted Tubing Backshell
189-014NF11 GLENAIR-189-014NF11 Datasheet
200Kb / 2P
   Backshell for PEEK Convoluted Tubing
189-014 GLENAIR-189-014 Datasheet
329Kb / 2P
   Backshell for PEEK Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE_09 Datasheet
337Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com