Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120-100-2-2-09CF Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 120-100-2-2-09CF
Description  Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

120-100-2-2-09CF Datasheet(HTML) 1 Page - Glenair, Inc.

  120-100-2-2-09CF Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Length
(As Specified In Feet)
B DIA
A DIA
120-100
Series 74 Helical Convoluted Tubing (MIL-T-81914)
Natural or Black PFA, FEP, PTFE, Tefzel® (ETFE) or PEEK
Type A - Tubing Only - No Braid
TYPE
A
TUBING
ONLY
NO BRAID
TABLE I: TUBING SIZE
Dash
No.
Fractional
Size Ref
A Inside
Dia Min
B Dia
Max
Minimum
Bend Radius
06
3/16
.181 (4.6)
.320 (8.1)
.500 (12.7)
09
9/32
.273 (6.9)
.414 (10.5)
.750 (19.1)
10
5/16
.306 (7.8)
.450 (11.4)
.750 (19.1)
12
3/8
.359 (9.1)
.510 (13.0)
.880 (22.4)
14
7/16
.427 (10.8)
.571 (14.5)
1.000 (25.4)
16
1/2
.480 (12.2)
.650 (16.5)
1.250 (31.8)
20
5/8
.603 (15.3)
.770 (19.6)
1.500 (38.1)
24
3/4
.725 (18.4)
.930 (23.6)
1.750 (44.5)
28
7/8
.860 (21.8) 1.073 (27.3)
1.880 (47.8)
32
1
.970 (24.6) 1.226 (31.1)
2.250 (57.2)
40
1-1/4
1.205 (30.6) 1.539 (39.1)
2.750 (69.9)
48
1-1/2
1.437 (36.5) 1.832 (46.5)
3.250 (82.6)
56
1-3/4
1.688 (42.9) 2.156 (54.8)
3.630 (92.2)
64
2
1.937 (49.2) 2.332 (59.2)
4.250 (108.0)
APPLICATION NOTES
1. Consult factory for thin-wall, close convolution combination.
2. Consult factory for PTFE maximum lengths.
3. Consult factory for PEEK min/max dimensions.
4. Metric dimensions (mm) are in parentheses.
Product Series
Basic Number
Class
1 = Standard Wall
2 = Thin Wall (See Note 1)
Convolution
1 = Standard
2 = Close
120-100-1-1-16 B E
Material
E = ETFE
F = FEP
P = PFA
T = PTFE (See Note 2)
K = PEEK (See Note 3)
B = Black
C = Natural
Dash Number
(Table I)
MINIMUM
BEND RADIUS


Similar Part No. - 120-100-2-2-09CF

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
120-1011 CAMBION-120-1011 Datasheet
51Kb / 1P
   Solder terminal, Pin type
120-1012 CAMBION-120-1012 Datasheet
29Kb / 1P
   Solder terminal, Pin type
120-1013 CAMBION-120-1013 Datasheet
29Kb / 1P
   Solder terminal, Pin type
120-1014 CAMBION-120-1014 Datasheet
29Kb / 1P
   Solder terminal, Pin type
logo
List of Unclassifed Man...
120-102111-1 ETC2-120-102111-1 Datasheet
335Kb / 3P
   Capable of handling low and high current requirements
More results

Similar Description - 120-100-2-2-09CF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100-1-1-06BECE GLENAIR-121-100-1-1-06BECE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BECE GLENAIR-121-101-1-1-06BECE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-102-1-1-06BECE GLENAIR-121-102-1-1-06BECE Datasheet
37Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-1-1-06BECE GLENAIR-121-103-1-1-06BECE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
120-103-1-1-06BE GLENAIR-120-103-1-1-06BE Datasheet
240Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com