Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK65224 Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK65224
Description  STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65224 Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK65224 Datasheet HTML 7Page - TOKO, Inc TK65224 Datasheet HTML 8Page - TOKO, Inc TK65224 Datasheet HTML 9Page - TOKO, Inc TK65224 Datasheet HTML 10Page - TOKO, Inc TK65224 Datasheet HTML 11Page - TOKO, Inc TK65224 Datasheet HTML 12Page - TOKO, Inc TK65224 Datasheet HTML 13Page - TOKO, Inc TK65224 Datasheet HTML 14Page - TOKO, Inc TK65224 Datasheet HTML 15Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADVANCED INFORMATION
January 1999 TOKO, Inc.
Page 11
TK652xx
where “V
IN” is the input voltage, “D” is the on-time duty ratio
of the switch, “
f ” is the switching (oscillator) frequency, “L”
is the inductor value, “V
OUT” is the output voltage, and “VF
is the diode forward voltage. It is important to note that
Equation 1 makes the assumption stated in Equation 2:
V
IN ≤ (VOUT + VF)(1 - D)
(2)
The implication from Equation ) is that the inductor will
operate in discontinuous mode.
Now, plugging in worst case conditions, the inductor value
can be determined by simply transforming the above
equation in terms of “L”:
(3)
where “V
F(MAX)” is best approximated by the diode forward
voltage at about two-thirds of the peak diode current value.
The peak diode current is the same as the peak input
current, the peak switch current, and the peak inductor
current. The formula is:
(4)
Some reiteration is implied because “L” is a function of “V
F
which is a function of “I
PK” which, in turn, is a function of “L”.
The best way into this loop is to first approximate “V
F”,
determine “L”, determine “I
PK”, and then determine a new
“V
F”. Then, if necessary, reiterate.
When selecting the actual inductor, it is necessary to make
sure the peak current rating of the inductor (i.e., the current
which causes the core to saturate) is greater than the
maximum peak current the inductor will encounter. To
determine the maximum peak current, use Equation 4
again, using the maximum values for “V
IN” and “D”, and
minimum values for “
f ” and “L”.
It may also be necessary when selecting the inductor to
check the rms current rating of the inductor. Whereas peak
second half of the input current triangle waveform (averaged
over the period or multiplied by the frequency) given by the
equation:
I
OUT = [IPK x t(off)] x f / 2
and:
I
PK = (VIN / L) x t(on) = VIN D / f L
and:
t(off) = I
PK / [(VOUT + VF - VIN) / L]
= (V
IN D / f L) / [(VOUT + VF - VIN) / L]
= V
IN D / f (VOUT + VF - VIN)
therefore:
I
OUT = (VIN)
2 (D)2 / 2 f L (V
OUT + VF - VIN)
which derives Equation 1 of the next section.
INDUCTOR SELECTION
It is under the condition of lowest input voltage that the
boost converter output current capability is the lowest for
a given inductance value. Three other significant
parameters with worst-case values for calculating the
inductor value are: highest switching frequency, lowest
duty ratio (of the switch on-time to the total switching
period), and highest diode forward voltage. Other
parameters which can affect the required inductor value,
but for simplicity will not be considered in this first analysis
are: the series resistance of the DC input source (i.e., the
battery), the series resistance of the internal switch, the
series resistance of the inductor itself, ESR of the output
capacitor, input and output filter losses, and snubber
power loss.
The converter reaches maximum output current capability
when the switch runs at the oscillator frequency, without
pulses being skipped. The output current of the boost
converter is then given by the equation:
(1)
SINGLE-CELL APPLICATION (CONT.)
2
f L (V
OUT + VF - VIN)
I
OUT =
(V
IN)
2 (D)2
2
f
(MAX) IOUT(MAX) [VOUT(MIN) + VF(MAX) - VIN(MIN)]
L
(MIN) =
V
IN(MIN)
2 D
(MIN)
2
f L
I
PK =
V
IN D


Similar Part No. - TK65224

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65010TL TOKO-TK65010TL Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015M TOKO-TK65015M Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65015MBX TOKO-TK65015MBX Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
More results

Similar Description - TK65224

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65015 TOKO-TK65015 Datasheet
116Kb / 8P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65025 TOKO-TK65025 Datasheet
106Kb / 12P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK651XX TOKO-TK651XX Datasheet
138Kb / 20P
   STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Linear Technology
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
logo
TOKO, Inc
TK653XX TOKO-TK653XX Datasheet
29Kb / 2P
   HIGH CURRENT STEP-UP CONVERTER WITH BATTERY MONITOR
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com