Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

233-101-G6Z119 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 233-101-G6Z119
Description  Hybrid Signal, Power, Coax and Twinax Arrangements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-101-G6Z119 Datasheet(HTML) 2 Page - Glenair, Inc.

  233-101-G6Z119 Datasheet HTML 1Page - Glenair, Inc. 233-101-G6Z119 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
D-33
D
TABLE lI: FINISH
Symbol
Finish
M
Al alloy, Electroless Nickel
Z1
CRES, Passivated
ZL
CRES, Electrodeposited Nickel
NF
Al alloy, Olive Drab Cadmium
over Nickel
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
SHELL
SIZE CODE
A
MAX
W THREAD
09
A
1.00 (25.4)
M12 x1-6g-0.100R
11
B
1.110 (28.19)
M15 x1-6g-0.100R
13
C
1.972 (50.1)
M18x1-6g-0.100R
15
D
2.078 (52.8)
M22x1-6g-0.100R
17
E
2.204 (56.0)
M25x1-6g-0.100R
19
F
2.330 (59.2)
M28x1-6g-0.100R
21
G
2.472 (62.8)
M31x1-6g-0.100R
23
H
2.594 (65.9)
M34x1-6g-0.100R
25
J
2.704 (68.7)
M37x1-6g-0.100R
TABLE III: LANYARD LENGTH CODE
CODE
L ± .236 (±6)
CODE
L ± .236 (±6)
CODE
L ± .236 (±6)
CODE
L ± .236 (±6)
A
4.016(102)
G
7.007(178)
M
10.000(254)
U
13.031(331)
B
4.527(115)
H
7.519(191)
N
10.511(267)
V
14.015(356)
C
5.000(127)
I
7.992(203)
P
11.023(280)
W
15.000(381)
D
5.511(140)
J
8.503(216)
R
11.535(293)
X
16.023(407)
E
6.024(153)
K
9.015(229)
S
12.007(305)
Y
17.007(432)
F
6.535(166)
L
9.527(242)
T
12.519(318)
Z
18.031(458)
TABLE IV: SUPPLIED COMPONENTS
Contact
Size
Contact Pin
Part Number
Contat Socket
Part Number
Sealing Plug
Part Number
Insertion/Removal
Tool Part Number
22D
M39029/58-360
M39029/56-348
M27488-22
M81969/14-01
20
M39029/58-363
M39029/56-351
M27488-20
M81969/14-10
16
M39029/58-364
M39029/56-352
M27488-16
M81969/14-03
12
M39029/58-365
M39029/56-353
M27488-12
M81969/14-04
12
M39029/102-558 Coax
M39029/103-559 Coax
M27488-12
M81969/14-04
8
M39029/60-367 Coax
M39029/59-366 Coax
M27488-8
M81969/14-06
8
M39029/90-529 Twinax
M39029/91-530 Twinax
M27488-8
M81969/14-06
233-101-G6
Type 4 Lanyard Release Plug for MIL-STD-1760
and Other MIL-DTL-38999 Series III Type
Hybrid Signal, Power, Coax and Twinax Arrangements
APPLICATION NOTES
Assembly to be identified with Glenair’s name and part
1.
number.
Material/finishes:
2.
Shell, coupling sleeve, lanyard ring—Aluminum alloy or CRES
per Table I
Retaining clips—Beryllium copper/gold plated
Insulators––High grade rigid dielectric/NA
Wave spring, retaining rings––Cres
Grounding Spring––Beryllium copper/electroless nickel
Seals––fluorosilicone/NA
This connector mates with D38999/20 and /24,
3.
Dimensions in parenthesis are metric and for reference.
4.
Blue color band indicates rear release retention system.
5.
Connectors to be supplied with contacts, insertion/removal tools
6.
and sealing plugs. Quantity of contacts includes spares (see
Table IV).


Similar Part No. - 233-101-G6Z119

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-101-G6 GLENAIR-233-101-G6 Datasheet
322Kb / 2P
   Type 4 Lanyard Release Plug
More results

Similar Description - 233-101-G6Z119

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
TE Connectivity Ltd
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
   2 form A contact arrangements
logo
List of Unclassifed Man...
RTB14005F ETC2-RTB14005F Datasheet
85Kb / 2P
   SPST through DPDT contact arrangements.
logo
Pasternack Enterprises,...
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
   BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
WAGO Kontakttechnik Gmb...
857-569 WAGO-857-569 Datasheet
843Kb / 12P
   Power signal conditioner; Current and voltage input signal; Current and voltage output signal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com