Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-382AMT15-35PSP Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-382AMT15-35PSP
Description  Connector Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-382AMT15-35PSP Datasheet(HTML) 2 Page - Glenair, Inc.

  240-382AMT15-35PSP Datasheet HTML 1Page - Glenair, Inc. 240-382AMT15-35PSP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
C-19
C
C
D
N
A
B
28° BSC
100°
BSC
37°
BSC
C
SHELL DIAMETER
Shell
Size
A Max
B Max
08
.474 (12.0)
.750 (19.1)
10
.591 (15.0)
.859 (21.8)
12
.751 (19.1)
1.031 (26.2)
14
.875 (22.2)
1.156 (29.4)
16
1.001 (25.4)
1.281 (32.5)
18
1.126 (28.6)
1.391 (35.3)
20
1.251 (31.8)
1.531 (38.9)
22
1.376 (35.0)
1.656 (42.1)
24
1.501 (38.1)
1.777 (45.1)
MASTER KEY POSITION
NORMAL
100
°
79
°
66
°
134
°
121
°
240-382A
MIL-DTL-38999 Series II Filter Connector
Connector Adapter
TABLE I: CONNECTOR CLASS
SYM
CLASS
MATERIAL
FINISH DESCRIPTION
M
Environmental
Aluminum
Electroless Nickel
MT
Environmental
Aluminum
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
NF
Environmental
Aluminum
Cadmium O.D. Over Electroless
Nickel
P
Environmental
Stainless
Steel
Electro-Deposited Nickel
ZN
Environmental
Aluminum
Zinc-Nickel Over Electroless Nickel
TABLE II: CAPACITOR ARRAY CODE
CAPACITANCE RANGE
CLASS
PI - CIRCUIT (pF)
C - CIRCUIT (pF)
X*
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
* Reduced DWV – Please consult factory.
Consult Factory for
Additional Filter Types,
TVS Diodes, and other
Custom Filter Connector
Configurations.


Similar Part No. - 240-382AMT15-35PSP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-382AMTA GLENAIR-240-382AMTA Datasheet
368Kb / 2P
   Connector Adapter
240-382AMTB GLENAIR-240-382AMTB Datasheet
368Kb / 2P
   Connector Adapter
240-382AMTC GLENAIR-240-382AMTC Datasheet
368Kb / 2P
   Connector Adapter
240-382AMTD GLENAIR-240-382AMTD Datasheet
368Kb / 2P
   Connector Adapter
240-382AMTE GLENAIR-240-382AMTE Datasheet
368Kb / 2P
   Connector Adapter
More results

Similar Description - 240-382AMT15-35PSP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-515A GLENAIR-240-515A Datasheet
76Kb / 2P
   Connector Adapter
240-264AM16-26PSPY GLENAIR-240-264AM16-26PSPY Datasheet
336Kb / 2P
   Connector Adapter
240-837-AP14-04PS GLENAIR-240-837-AP14-04PS Datasheet
357Kb / 2P
   Connector Adapter
240-382AMY GLENAIR-240-382AMY Datasheet
368Kb / 2P
   Connector Adapter
240-382A GLENAIR-240-382A Datasheet
89Kb / 2P
   Connector Adapter
240-383A GLENAIR-240-383A Datasheet
107Kb / 2P
   Connector Adapter
240-381AM15-35PSP GLENAIR-240-381AM15-35PSP Datasheet
350Kb / 2P
   Connector Adapter
240-837A GLENAIR-240-837A Datasheet
109Kb / 2P
   Filtered Connector Adapter
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
   Filter Connector, Connector Adapter
759-862AA16 GLENAIR-759-862AA16_10 Datasheet
305Kb / 2P
   Connector to Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com