Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-383EP15-35S Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-383EP15-35S
Description  Filter Connector Dual Flange Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-383EP15-35S Datasheet(HTML) 1 Page - Glenair, Inc.

  240-383EP15-35S Datasheet HTML 1Page - Glenair, Inc. 240-383EP15-35S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-32
B
240-383E
MIL-DTL-38999 Series III Filter Connector
Dual Flange Jam Nut Receptacle
Capacitance
(See Table II)
Insert Arrangement
IAW MIL-STD-1560
Filter Connector
Product Code
MIL-DTL-38999 Series III
Connector Class
(See Table I)
Alternate Key Position
Per MIL-DTL-38999
A, B, C, D, E, N = Normal
Shell Style
E - Dual Flange Jam Nut
Filter Type
P - Pi Circuit
C - C Circuit
Contact Gender
P - Pin
S - Socket
240 - 383
E P 15-35 P P P A N N
Termination
P - PC Tail
Flange Mounting Style
N - Not Applicable
TABLE IV:
PC TAIL DIAMETER
Contact
Size
Ø
U
22D
.018/.021
(0.5/0.5)
20
.029/.031
(0.7/0.8)
16
.038/.042
(1.0/1.1)
E - Dual Flange Jam Nut
.835/.825
(21.2/21.0)
.675/.671 (17.1/17.0)
.172/.132
(4.4/3.4)
P
4 Places
Radius H
4 Places
.131/.125 (3.3/3.2)
Master
Keyway
See
Note 3
Thread B
Thread R
.110
(2.8)
.100 (2.5)
.250 (6.4)
.130/.120 (3.3/3.0)
.510 (13.0)
Max Red Band
Full Mate Indicator
N (4 Places)
Interrupted J Dia
45° 4 Places
Interrupted
L Dia
Interrupted
K Dia
U
(see Table IV)
D
Flat
16
1
5
10
23
29
34
37
33
28
22
15
9
4
1
5
10
16
23
29
34
37
33
28
22
15
9
4
F
2 Places
Ø E
4-40 Helicoils
Installed per NASM 33537
Tang Removed
H
J Flat


Similar Part No. - 240-383EP15-35S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383E GLENAIR-240-383E Datasheet
123Kb / 2P
   Dual Flange Jam Nut Receptacle with PC Tails
More results

Similar Description - 240-383EP15-35S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-153 GLENAIR-237-153 Datasheet
302Kb / 2P
   Hermetic Dual Flange Jam Nut Mount Receptacle
240-384JM15-35P GLENAIR-240-384JM15-35P Datasheet
355Kb / 2P
   Filter Connector Jam Nut Receptacle
240-383JM15-35P GLENAIR-240-383JM15-35P Datasheet
359Kb / 2P
   Filter Connector Jam Nut Receptacle
240-383E GLENAIR-240-383E Datasheet
123Kb / 2P
   Dual Flange Jam Nut Receptacle with PC Tails
805-067 GLENAIR-805-067 Datasheet
176Kb / 1P
   Square Flange Jam Nut PCB Receptacle
logo
Amphenol Corporation
3313355 AMPHENOL-3313355 Datasheet
1Mb / 5P
   FLANGE, STANDOFFM, JAM NUT RECEPTACLE, TYPE TV07,
logo
Glenair, Inc.
240-382J GLENAIR-240-382J Datasheet
99Kb / 2P
   Jam Nut Receptacle
240-381JM15-35PS GLENAIR-240-381JM15-35PS Datasheet
353Kb / 2P
   Jam Nut Receptacle
240-264JM16-26PSPY GLENAIR-240-264JM16-26PSPY Datasheet
366Kb / 2P
   Jam Nut Receptacle
240-382JH215-35 GLENAIR-240-382JH215-35 Datasheet
350Kb / 2P
   Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com