Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11360BMCL Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK11360BMCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11360BMCL Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK11360BMCL Datasheet HTML 7Page - TOKO, Inc TK11360BMCL Datasheet HTML 8Page - TOKO, Inc TK11360BMCL Datasheet HTML 9Page - TOKO, Inc TK11360BMCL Datasheet HTML 10Page - TOKO, Inc TK11360BMCL Datasheet HTML 11Page - TOKO, Inc TK11360BMCL Datasheet HTML 12Page - TOKO, Inc TK11360BMCL Datasheet HTML 13Page - TOKO, Inc TK11360BMCL Datasheet HTML 14Page - TOKO, Inc TK11360BMCL Datasheet HTML 15Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TK113xxBM/U
April 2000 TOKO, Inc.
Page 11
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
ON/OFF RESPONSE WITH CONTROL AND LOAD TRANSIENT RESPONSE
The turn-on time depends upon the value of the output capacitor and the noise bypass capacitor. The turn-on time will
increase with the value of either capacitor. The graphs below shows the relationship between turn-on time and load
capacitance. If the value of these capacitors is reduced, the load and line regulation will suffer and the noise voltage will
increase. If the value of these capacitors is increased, the turn-on time will increase.
OUTPUT VOLTAGE RESPONSE
(OFF
→ON)
-5
5
25
15
35
CL = 0.33 µF
45
CL = 1.0 µF
CL = 1.5 µF
CL = 0.47 µF
TIME (µs)
ILOAD = 10 mA, CN = 1000 pF
LOAD CURRENT STEP RESPONSE
-5
5
15
35
25
45
TIME( µs)
CL = 0.33 µF
ILOAD = 5 to 35 mA
30 to 60 mA
0 to 30 mA
REDUCTION OF OUTPUT NOISE
Although the architecture of the Toko regulators is designed to minimize semiconductor noise, further reduction can be
achieved by the selection of external components. The obvious solution is to increase the size of the output capacitor.
A more effective solution would be to add a capacitor to the noise bypass terminal. The value of this capacitor should
be 0.1
µf or higher (higher values provide greater noise reduction). Although stable operation is possible without the noise
bypass capacitor, this terminal has a high impedance and care should be taken to avoid a large circuit area on the printed
circuit board when the capacitor is not used. Please note that several parameters are affected by the value of the
capacitors and bench testing is recommended when deviating from standard values.
OUTPUT VOLTAGE RESPONSE
(OFF
→ON)
0
200
600
TIME (µs)
400
800
CN = 0.01 µF
CN = 0.1 µF
CL = 2.2 µF
ILOAD = 30 mA


Similar Part No. - TK11360BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11360BMCL TOKO-TK11360BMCL Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11360BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com