Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189MN052M1516K Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189MN052M1516K
Description  Convoluted Tubing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189MN052M1516K Datasheet(HTML) 1 Page - Glenair, Inc.

  189MN052M1516K Datasheet HTML 1Page - Glenair, Inc. 189MN052M1516K Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
189 M* 052
Convoluted Tubing Backshell
for Series 80 "Mighty Mouse" Fiber Optic Connectors
Product Series
Connector Designator
Angular Function
S = Straight
M = 45° Elbow
N = 90° Elbow
Basic Number
Finish Symbol
(Table III)
Shell Size
(See Table I)
Conduit Size (Table II)
K = PEEK Tubing
See 120-108
(Omit for ETFE, Tefzel, FEP,
Teflon, PFA, or PTFE; See 120-100)
189 M S 052 NF 12 12 K
APPLICATION NOTES
1. Material/ Finish:
Adapter, Coupling Nut and Ferrule- Al Alloy/ See Table II.
O-Ring: Fluorosilicone/ N.A.
Detent Spring: Torlon/ N.A.
2. Assembly to be identified with manufacturer’s name
and P/N, space permitting.
3. Metric dimensions (mm) are indicated in parentheses.
.550
STRAIGHT
SYM S
A Thread
.850
Mates With
120-100
2.300 (58.4)
(21.6)
(14.0)
.550
.550
.850 (21.6)
E
H
Dia
.850
G
SYM N
90
SYM M
45
.750 (19.1) R Min.
B
DIA
A Thread
F
C
D
C
(21.6)
(14.0)
(14.0)
O
O


Similar Part No. - 189MN052M1516K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189M052 GLENAIR-189M052 Datasheet
184Kb / 1P
   Convoluted Tubing Backshell
logo
Hittite Microwave Corpo...
189MS8E HITTITE-189MS8E Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results

Similar Description - 189MN052M1516K

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189M052 GLENAIR-189M052 Datasheet
184Kb / 1P
   Convoluted Tubing Backshell
189-014NF11 GLENAIR-189-014NF11 Datasheet
200Kb / 2P
   Backshell for PEEK Convoluted Tubing
189-014 GLENAIR-189-014 Datasheet
329Kb / 2P
   Backshell for PEEK Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE_09 Datasheet
337Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com