Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189HW038XW1310K-D Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 189HW038XW1310K-D
Description  Composite Connector Backshell Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HW038XW1310K-D Datasheet(HTML) 2 Page - Glenair, Inc.

  189HW038XW1310K-D Datasheet HTML 1Page - Glenair, Inc. 189HW038XW1310K-D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
189-038
Composite Connector Backshell Adapter
for Helical Convoluted Tubing to be used with
MIL-DTL-38999 Series III & IV Fiber Optic Connectors
APPLICATION NOTES
1. Material/ Finish:
Adapter, Elbow- High Grade Engineering Thermoplastic/ See Table III.
Coupling and Compression Nuts- High Grade Engineering Thermoplastic/ N.A.
O- Ring- Fluorosilicone or Silicone/ N.A.
Anti- Rotation device: Corrosion resistant material.
2. Metric Dimensions are in parentheses and are for reference only.
TABLE II: SHELL SIZE
Shell
Size
A Thread
ISO Metric
E
+.060 (1.5)
F
+.090 (2.3)
G
+060 (1.5)
H
+090 (2.3)
Max Entry
Max Tubing Size
11
M15 x 1 - 6H .750 (19.1)
.950 (24.1) .750 (19.1)
1.160 (29.5)
12
13
M18 x 1 - 6H .750 (19.1) 1.020 (25.9) .810 (20.6)
1.220 (31.0)
16
15
M22 x 1 - 6H .760 (19.3) 1.050 (26.7) .880 (22.4)
1.290 (32.8)
20
17
M25 x 1 - 6H .780 (19.8) 1.070 (27.2) .940 (23.9)
1.350 (34.3)
24
19
M28 x 1 - 6H .790 (20.1) 1.080 (27.4) .970 (24.6)
1.380 (35.1)
28
21
M31 x 1 - 6H .820 (20.8) 1.110 (28.2) 1.060 (26.9) 1.470 (37.3)
32
23
M34 x 1 - 6H .860 (21.8) 1.150 (29.2) 1.130 (28.7) 1.540 (39.1)
32
25
M37 x 1 - 6H .890 (22.6) 1.180 (30.0) 1.190 (30.2) 1.730 (43.9)
40
TABLE III: FINISH
SYM
MATERIAL
FINISH
XM
Composite
Electroless Nickel
XW
Composite
Cadmium Plate/Olive Drab
over Electroless Nickel
XO
Composite
No Plating–Base Composite
TABLE I: TUBING SIZE
Dash
No.
Conduit
I.D.
J Dia
Max
06
.188 (4.8)
.790 (20.1)
09
.281 (7.1)
.985 (25.0)
10
.312 (7.9)
.985 (25.0)
12
.375 (9.5) 1.035 (26.3)
14
.437 (11.1) 1.100 (27.9)
16
.500 (12.7) 1.160 (29.5)
20
.625 (15.9) 1.285 (32.6)
24
.750 (19.1) 1.480 (37.6)
28
.875 (22.2) 1.670 (42.4)
32
1.000 (25.4) 1.720 (43.7)
40
1.250 (31.8) 2.100 (53.3)
48
1.500 (38.1) 2.420 (61.5)


Similar Part No. - 189HW038XW1310K-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HW039XM1106K-D GLENAIR-189HW039XM1106K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1109K-D GLENAIR-189HW039XM1109K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1110K-D GLENAIR-189HW039XM1110K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1112K-D GLENAIR-189HW039XM1112K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
189HW039XM1114K-D GLENAIR-189HW039XM1114K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
More results

Similar Description - 189HW038XW1310K-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-039 GLENAIR-189-039 Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
189-038 GLENAIR-189-038 Datasheet
336Kb / 2P
   Composite Connector Backshell Adapter
189HS039XW1106K-D GLENAIR-189HS039XW1106K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter for
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
   Composite Straight Backshell Adapter
712-416 GLENAIR-712-416 Datasheet
505Kb / 2P
   Composite Straight Backshell Adapter
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
377HS014XM11 GLENAIR-377HS014XM11 Datasheet
429Kb / 2P
   Composite Thermoplastic Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
319A064XO08A GLENAIR-319A064XO08A Datasheet
319Kb / 2P
   Composite Swing-Arm Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com