Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189S009M1106-04 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 189S009M1106-04
Description  Banding Backshell / Molding Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189S009M1106-04 Datasheet(HTML) 2 Page - Glenair, Inc.

  189S009M1106-04 Datasheet HTML 1Page - Glenair, Inc. 189S009M1106-04 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I-17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
APPLICATION NOTES
1. Assembly identified with manufacturer’s and P/N, space permitting.
2 Standard minimum length for style 1:1.5 inches,
for style 2:2.0 inches. Note: Length applies to SYMS, straight, only.
3 When cable diameter exceeds inside diameter of connector shell,
style 2 will be supplied.
4. Glenair 600 series Backshell Assy. tools are recommended
for assembly and installation.
5. Material/ Finish:
Adapters, Elbows, Coupling Nut, Pressure Ring–See
Table III. O-Ring–Silicone/ N.A.
6. O-Ring & Pressure Ring to be packaged loose and
must be installed with connector backend at time of
assembly.
7. Metric dimensions (mm) are indicated in parentheses.
TABLE I: SHELL SIZE
Shell
Size
Connector
Designator
A Thread
UNEF
B
Max
C
Max
G
Max
H
Max
J
Max
K
Max
Max
Entry
11
A
.750 - 20 UNEF
.960 (10.4)
.410 (10.4) 1.280 (32.5) 1.330 (3.8)
1.140 (29.0) 1.190 (30.2)
07
13
B
.875 - 20 UNEF 1.085 (27.6)
.532 (13.5) 1.350 (34.3) 1.400 (29.0) 1.170 (29.7) 1.220 (31.0)
08
15
C
1.000 - 20 UNEF 1.255 (31.9)
.710 (18.0) 1.430 (36.3) 1.470 (37.3) 1.200 (30.5) 1.250 (31.8)
10
23
F
1.437 - 18 UNEF 1.695 (43.1) 1.116 (28.3) 1.640 (41.7) 1.680 (42.7) 1.290 (32.8) 1.330 (33.8)
13
TABLE III: FINISH
SYM
MATERIAL
FINISH
NF
Aluminum
Cadmium/Olive Drab over
Electroless Nickel
(500 Hr. Salt Spray)
B
Aluminum
Cadmium Plate/Olive Drab
J
Aluminum
Gold Iridite over Cadmium
Plate over Nickel
N
Aluminum
Cadmium Plate/Olive Drab
over Nickel
M
Aluminum
Electroless Nickel
T
Aluminum
Cadmium Plate/Bright Dip
over Nickel
TABLE II: BACKSHELL DIMENSIONS
Dash
No.
P
Dim
L
Dia
M
Dia
N
Dim
04
.044 (1.1)
.205 (5.2)
.325 (8.3) .525 (13.3)
05
.044 (1.1)
.235 (6.0)
.355 (9.0) .525 (13.3)
06
.044 (1.1)
.255 (6.5)
.375 (9.5) .525 (13.3)
07
.044 (1.1)
.330 (8.4)
.450 (11.4) .525 (13.3)
08
.044 (1.1)
.450 (11.4)
.580 (14.7) .600 (15.2)
09
.044 (1.1)
.540 (13.7)
.660 (16.8) .600 (15.2)
10
.044 (1.1)
.670 917.0)
.790 (20.1) .600 (15.2)
11
.044 (1.1)
.840 (21.3)
.960 (24.4) .600 (15.2)
12
.069 (1.8)
.960 (24.4) 1.080 (27.4) .600 (15.2)
13
.069 (1.8)
1.080 (27.4) 1.200 (30.5) .600 (15.2)
189-009
Banding Backshell / Molding Adapter
For MIL-PRF-28876 Connectors


Similar Part No. - 189S009M1106-04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189SXM106K-D GLENAIR-189SXM106K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
189SXM109K-D GLENAIR-189SXM109K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
189SXM1106K-D GLENAIR-189SXM1106K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
189SXM1109K-D GLENAIR-189SXM1109K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
189SXM11100K-D GLENAIR-189SXM11100K-D Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
More results

Similar Description - 189S009M1106-04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189-009 GLENAIR-189-009 Datasheet
685Kb / 2P
   Banding Backshell / Molding Adapter
809-141 GLENAIR-809-141 Datasheet
170Kb / 1P
   Molding, Backshell Banding Adapter
189-015M1105-3B GLENAIR-189-015M1105-3B_10 Datasheet
229Kb / 2P
   Environmental Banding Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
189-015M1105-3B GLENAIR-189-015M1105-3B Datasheet
265Kb / 2P
   Environmental Banding Backshell
189-015 GLENAIR-189-015 Datasheet
326Kb / 2P
   Environmental Banding Backshell
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
   EMI/RFI Banding Backshell
550T024M GLENAIR-550T024M Datasheet
123Kb / 2P
   D-Subminiature Split Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com