Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK70203M Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK70203M
Description  1.03 V REGULATOR WITH ON/OFF SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70203M Datasheet(HTML) 1 Page - TOKO, Inc

  TK70203M Datasheet HTML 1Page - TOKO, Inc TK70203M Datasheet HTML 2Page - TOKO, Inc TK70203M Datasheet HTML 3Page - TOKO, Inc TK70203M Datasheet HTML 4Page - TOKO, Inc TK70203M Datasheet HTML 5Page - TOKO, Inc TK70203M Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
January, 1996 TOKO, Inc.
Page 1
TK702xx
1-16-96
TK702xx
1.03 V REGULATOR WITH ON/OFF SWITCH
DESCRIPTION
The TK702xx is a very low dropout, low input voltage
operation regulator suitable for single battery cell applica-
tions. This regulator provides 1.03 V output with a dropout
voltage of only 30 mV. The active high control provides on/
off switching of the output. In the off mode, the standby
supply current is 8
µA, thus extending battery life.
The TK702xx is available in a very small plastic surface
mount package (SOT-25).
FEATURES
s Low Input Voltage Operation (Single Battery Cell)
s Internal PNP Transistor
s Built-In Shutdown Control (Off Current, 8
µA Typ)
s Low Dropout Voltage (30 mV Typ)
s Very Small Surface Mount Package (SOT-25)
APPLICATIONS
s Pagers
s Personal Communication Equipment
s Portable Consumer Equipment
s Radio Control Systems
s Single Battery Cell Systems
1
3
6
4
2
VO
VIN
GND
GND
SHUT DOWN
TK702
M
Voltage Code
Tape/Reel Code
TAPE/REEL CODE
BX : Bulk/Bag
TL : Tape Left
VOLTAGE CODE
03 = 1.03 V
ORDERING INFORMATION
BLOCK DIAGRAM
+
-
SHUT
DOWN
VIN
VO
GND
TK70203 BD
BANDGAP
REFERENCE
SHUT DOWN
1
2,3
6
4


Similar Part No. - TK70203M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70203CS2G0 TOKO-TK70203CS2G0 Datasheet
157Kb / 2P
   1.03V positive LDO regulator IC with on/off control
TK70203CS2G0L-C TOKO-TK70203CS2G0L-C Datasheet
157Kb / 2P
   1.03V positive LDO regulator IC with on/off control
More results

Similar Description - TK70203M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70403 TOKO-TK70403 Datasheet
61Kb / 10P
   1.03 V REGULATOR WITH ON/OFF SWITCH
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com