Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK70403 Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK70403
Description  1.03 V REGULATOR WITH ON/OFF SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70403 Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK70403 Datasheet HTML 2Page - TOKO, Inc TK70403 Datasheet HTML 3Page - TOKO, Inc TK70403 Datasheet HTML 4Page - TOKO, Inc TK70403 Datasheet HTML 5Page - TOKO, Inc TK70403 Datasheet HTML 6Page - TOKO, Inc TK70403 Datasheet HTML 7Page - TOKO, Inc TK70403 Datasheet HTML 8Page - TOKO, Inc TK70403 Datasheet HTML 9Page - TOKO, Inc TK70403 Datasheet HTML 10Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
January 1999 TOKO, Inc.
Page 7
TK70403
TIME (µs)
0
50
CL = 0.47 µF
CL = 2.2 µF
CL = 4.7 µF
CL = 0.68 µF
REDUCTION OF OUTPUT NOISE
Although the architecture of the Toko regulators is designed
to minimize semiconductor noise, further reduction can be
achieved by increasing the size of the output capacitor. A
more effective solution would be to add a capacitor to the
noise bypass terminal. The value of the capacitor should
be at least 0.1
µF or higher (higher values provide greater
noise reduction). Although stable operation is possible
without the noise bypass capacitor, this terminal has a high
impedance and care should be taken to avoid a large
circuit area on the printed circuit board when the capacitor
is not used. Please note that several parameters are
affected by the value of the capacitors and bench testing
is recommended when deviating from standard values.
INPUT AND OUTPUT CAPACITORS
Toko regulators require an output capacitor in order to
maintain regulator loop stability. The capacitor value should
be at least 0.68
µF over actual ambient operating
temperature.
PACKAGE POWER DISSIPATION (P
D)
This is the power dissipation level at which the thermal
sensor is activated. The IC contains an internal thermal
sensor which monitors the junction temperature. When
the junction temperature exceeds the monitor threshold of
150
°C, the IC is shut down. The junction temperature
rises as the difference between the input power (V
IN x IIN)
and the output power (V
OUT x IOUT) increases. The rate of
temperature rise is greatly affected by the mounting pad
configuration on the PCB, the board material, and the
ambient temperature. When the IC mounting has good
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
thermal conductivity, the junction temperature will be low
even if the power dissipation is great. When mounted on
the recommended mounting pad, the power dissipation of
the SOT-26 is increased to 350 mW. For operation at
ambient temperatures over 25
°C, the power dissipation of
the SOT-26 device should be derated at 2.8 mW/
°C. To
determine the power dissipation for shutdown when
mounted, attach the device on the actual PCB and
deliberately increase the output current (or raise the input
voltage) until the thermal protection circuit is activated.
Calculate the power dissipation of the device by subtracting
the output power from the input power. These
measurements should allow for the ambient temperature
of the PCB. The value obtained from P
D /(150 °C - TA) is the
derating factor. The PCB mounting pad should provide
maximum thermal conductivity in order to maintain low
device temperatures. As a general rule, the lower the
temperature, the better the reliability of the device. The
thermal resistance when mounted is expressed as follows:
T
j = 0jA x PD + TA
For Toko ICs, the internal limit for junction temperature is
150
°C. If the ambient temperature (T
A) is 25 °C, then:
150
°C = 0
jA x PD + 25 °C
0
jA = 125 °C/ PD
P
D is the value when the thermal sensor is activated. A
simple way to determine P
D is to calculate VIN x IIN when
the output side is shorted. Input current gradually falls as
temperature rises. You should use the value when thermal
equilibrium is reached.


Similar Part No. - TK70403

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
   High Capacity Toggle Switches up to 20A
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results

Similar Description - TK70403

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK702XX TOKO-TK702XX Datasheet
117Kb / 6P
   1.03 V REGULATOR WITH ON/OFF SWITCH
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com