Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL122JR500E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TL122JR500E
Description  Modular Heat Sinkable Thick Film Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TL122JR500E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TL122JR500E Datasheet HTML 1Page - Ohmite Mfg. Co. TL122JR500E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
62
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
63
S T A N D A R D P A R T N U M B E R S F O R T L S E R I E S
Part No.
Prefix 
Suffix
Part No.
Prefix 
Suffix
E L E C T R I C A L / M E C H A N I C A L S P E C S
0.20"
5.10 mm
A
B
0.98"
25 mm
Profile 1.01"
25.7 mm
Footprint 0.96"
24.4 mm
C*
0.25"
6.3 mm
*For adjacent taps,
C = 0.665"
(16.9mm)
TL Series
Modular Heat Sinkable
Thick Film Power
Operating
Dielectric
Ultra*
Std**
Ohm
A
B
Voltage
Withstanding
Series Wattage Wattage
Range
(mm)
(mm)
VAC
Voltage VAC
TL54
35
27
0.3 - 1 Meg
54
46
1200
2500
TL71
96
71
1.0 - 2 Meg
71
63
1200
2500
TL88
155
114
1.5 - 3 Meg
88
80
1200
2500
TL104
215
158
2.0 - 4 Meg
104
96
1200
2500
†TL122 275
202
2.0 - 4 Meg
122
114
1200
2500
* For properly heat sinked, untrimmed resistors - see chart
** For properly heat sinked, trimmed resistors - see chart
† Power Ratings are theoretical. Consult Factory for details.
T H E R M A L R E S I S T A N C E ( ° C / W )
TL54
TL71
TL88
TL104
Ultra Power(10% Tolerance)
1.26
0.53
0.34
0.25
Std Power (5% - 3% Tolerance)
1.67
0.70
0.45
0.33
The TL Series add heat sink-
able options to the thick film
resistor family. The resistor
element is packaged with plas-
tic insulators, and quick-con-
nect terminals in a symmetrical
aluminum profile for easy heat
sink mounting. Special tapped
configurations are offered to
reduce on board component
count.
Efficient thermal packag-
ing provides improved heat
conduction to the heat sink.
Self-insulating package design
increases voltage withstanding
characteristics when compared
to traditional aluminum hous-
ings. The in line mounting pro-
file makes the TL Series easily
adaptable to most heat sink
systems. Thermal compound
is always recommended when
heat sinking.
F E A T U R E S
• Very low inductance
• Low profile design
• In-Line Mounting Profile
1/4” Quick connect terminals
• Consult factory for common,
isolated, or special multiple tap
options.
A P P L I C A T I O N S
• Semiconductor Balancing
• Frequency Converters
• Snubber
• In-Rush Current Limiter
• Bleeder Resistor
• Power Switching
• Voltage Dividers
S P E C I F I C A T I O N S
Material
Resistive Element: Thick Film on
Alumina
Housing: Aluminum
Insulators: Glass reinforced high
temperature Valox®
Terminals: Tinned brass
Electrical
Power Range: 27 – 275 watts
Resistance Range:
0.3 ohm – 4 megohm
Tolerance:
Ultra Power (U Style): ±10% std;
Standard Power: ±10% std;
5% and 1% available
Temperature Coefficient:
±250 PPM
Test Voltage for 1 Minute:
6000 VDC/2500 VAC
Working Voltage: 1200 VAC
External Creeping Distance:
12mm
Temperature Limits: -40°C to
+125°C
Insulation: >1002 Mohm/500V
Air Distance, Terminal to
Ground: 7mm
Inductance: 50-100 nH
Consult factory for multiple tap options in common, isolated, and special configurations.
O R D E R I N G I N F O R M A T I O N
= Standard values
= Non-standard values subject to
minimum handling charge per
item
T L 1 0 4 K U R 5 0 0 E
Size
TL54 = 54 mm
TL71 = 71 mm
TL88 = 88 mm
TL104 = 104 mm
TL122 = 122 mm
Tolerance
F = 1%
J = 5%
K = 10%
Power
Blank = standard
U = ultra
Ohms
R500 = 0.50
10R0 = 10.0
1K00 = 1,000
1M00 = 1,000,000
E = RoHS compliant
Type
Values for Standard Resistors
TL54
TL71
TL88
TL104
TL122
Max. Rated Wattage
W
35
96
155
215
275
Nominal Power
W
18
48
78
108
137
Surge Load in 10 sec
W
72
192
312
432
548
Max Voltage Between Terminal
V
1000
2000
2500
2500
2500
Resistance Min
ohm
0.3
1
1.5
2
2
Resistance Max
ohm
1 meg
2 meg
3 meg
4 meg
4 meg
Mechanics:
A
mm
54
71
88
104
122
B
mm
46
63
80
96
114
C
mm
16.9
33.8
50.7
67.6
84.5
Weight
g
26
33
44
55
65
0.5
––– R50 
1.0
––– 1R0    
1.5
––– 1R5
2.0
––– 2R0     
3.0
––– 3R0    
4.0
––– 4R0     
5.0
––– 5R1    
10.0
––– 10R     
15.0
––– 15R    
22.0
––– 22R     
47.0
––– 47R     
75.0
––– 75R     
100.0
––– 100     
150.0
––– 150    
220.0
––– 220     
240.0
––– 240    
470.0
––– 470     
510.0
––– 510    
750.0
––– 750     
1,000.0
––– 1K0     
1,100.0
––– 1K1    
2,200.0
––– 2K2     
4,700.0
––– 4K7    
5,100.0
––– 5K1    
10,000.0
––– 10K    
22,000.0
––– 22K    
51,000.0
––– 51K    
Check product availability at
www.ohmite.com


Similar Part No. - TL122JR500E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TL122 OHMITE-TL122 Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
logo
E-SWITCH
TL1220 E-SWITCH-TL1220 Datasheet
1Mb / 3P
   ILLUMINATED TACT SWITCH
TL1220NBBBBN E-SWITCH-TL1220NBBBBN Datasheet
1Mb / 3P
   ILLUMINATED TACT SWITCH
TL1220NBBBNN E-SWITCH-TL1220NBBBNN Datasheet
1Mb / 3P
   ILLUMINATED TACT SWITCH
More results

Similar Description - TL122JR500E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TL-SERIES OHMITE-TL-SERIES Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
TAP800 OHMITE-TAP800 Datasheet
379Kb / 2P
   800 Watt Heat Sinkable Planar
TAP600K2R0 OHMITE-TAP600K2R0 Datasheet
332Kb / 2P
   600 Watt Heat Sinkable Planar
TAP800J5R0E OHMITE-TAP800J5R0E Datasheet
105Kb / 1P
   800 Watt Heat Sinkable Planar
TAP600 OHMITE-TAP600 Datasheet
370Kb / 2P
   600 Watt Heat Sinkable Planar
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
   600 Watt Heat Sinkable Planar
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
   Thick Film Power Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
   Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
   Thick Film Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com