Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71220 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK71220
Description  LOW DROPOUT REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71220 Datasheet(HTML) 1 Page - TOKO, Inc

  TK71220 Datasheet HTML 1Page - TOKO, Inc TK71220 Datasheet HTML 2Page - TOKO, Inc TK71220 Datasheet HTML 3Page - TOKO, Inc TK71220 Datasheet HTML 4Page - TOKO, Inc TK71220 Datasheet HTML 5Page - TOKO, Inc TK71220 Datasheet HTML 6Page - TOKO, Inc TK71220 Datasheet HTML 7Page - TOKO, Inc TK71220 Datasheet HTML 8Page - TOKO, Inc TK71220 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
January 1999 TOKO, Inc.
Page 1
TK712xx
GND
NOISE
BYPASS
VOUT
VIN
GND
NOISE
BYPASS
VIN
VOUT
THERMAL
PROTECTION
BANDGAP
REFERENCE
GND
GND
APPLICATIONS
s Battery Powered Systems
s Portable Consumer Equipment
s Cordless Telephones
s Personal Communications Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
FEATURES
s Low Dropout Voltage
s Low Quiescent Current
s Very Stable Output
s Low Noise (35
µVrms)
s Miniature Package (SOT-25)
TK712xx
BLOCK DIAGRAM
DESCRIPTION
TK712xx is a low dropout, linear regulator. Since a PNP
power transistor is used, dropout voltage is very low,
making it possible to maintain stable output voltage even
as the battery decreases. This allows longer battery life.
The TK712xx has a noise bypass pin available for noise
reduction.
The TK712xx is available in a miniature SOT-25 surface
mount package.
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK712
M
VoltageCode
VOLTAGE CODE
20 = 2.0 V
35 = 3.5 V
25 = 2.5 V
40 = 4.0 V
28 = 2.8 V
45 = 4.5 V
30 = 3.0 V
50 = 5.0 V
33 = 3.3 V
20P
LOW DROPOUT REGULATOR


Similar Part No. - TK71220

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com