Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK65926MTL Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK65926MTL
Description  MEDIUM EL LAMP DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65926MTL Datasheet(HTML) 3 Page - TOKO, Inc

  TK65926MTL Datasheet HTML 1Page - TOKO, Inc TK65926MTL Datasheet HTML 2Page - TOKO, Inc TK65926MTL Datasheet HTML 3Page - TOKO, Inc TK65926MTL Datasheet HTML 4Page - TOKO, Inc TK65926MTL Datasheet HTML 5Page - TOKO, Inc TK65926MTL Datasheet HTML 6Page - TOKO, Inc TK65926MTL Datasheet HTML 7Page - TOKO, Inc TK65926MTL Datasheet HTML 8Page - TOKO, Inc TK65926MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
May 2000 TOKO, Inc.
Page 3
TK6592x
TOKO PART NO.
MIN.
TYP.
MAX.
TK65920
157 Hz
175 Hz
193 Hz
TK65921
180 Hz
200 Hz
220 Hz
TK65922
202 Hz
225 Hz
248 Hz
TK65923
225 Hz
250 Hz
275 Hz
TK65924
247 Hz
275 Hz
303 Hz
TK65925
270 Hz
300 Hz
330 Hz
TK65926
292 Hz
325 Hz
358 Hz
TK65927
315 Hz
350 Hz
385 Hz
TK65928
337 Hz
375 Hz
413 Hz
TK65929
360 Hz
400 Hz
440 Hz
TK6592x ELECTRICAL CHARACTERISTICS
V
IN = 3.6 V, TA = Tj = 25 °C, unless otherwise specified.
TABLE 1: LAMP FREQUENCY
TOKO PART NO.
MIN.
TYP.
MAX.
TK65920
20.1 kHz
22.4 kHz
24.7 kHz
TK65921
23.0 kHz
25.6 kHz
28.2 kHz
TK65922
25.9 kHz
28.8 kHz
31.7 kHz
TK65923
28.8 kHz
32.0 kHz
35.2 kHz
TK65924
31.6 kHz
35.2 kHz
38.8 kHz
TK65925
34.5 kHz
38.4 kHz
42.3 kHz
TK65926
37.4 kHz
41.6 kHz
45.8 kHz
TK65927
40.3 kHz
44.8 kHz
49.3 kHz
TK65928
43.2 kHz
48.0 kHz
52.8 kHz
TK65929
46.1 kHz
51.2 kHz
56.3 kHz
TABLE 2: OSCILLATOR FREQUENCY
TOKO PART NO.
MIN.
TYP.
MAX.
TK65920
-
7.8 mA
15.6 mA
TK65921
-
9.0 mA
18.0 mA
TK65922
-
10.1 mA
20.2 mA
TK65923
-
11.2 mA
22.4 mA
TK65924
-
12.3 mA
24.6 mA
TK65925
-
13.4 mA
26.8 mA
TK65926
-
14.5 mA
29.0 mA
TK65927
-
15.6 mA
31.2 mA
TK65928
-
16.8 mA
33.6 mA
TK65929
-
17.9 mA
35.8 mA
TABLE 3: CONVERTER SUPPLY CURRENT


Similar Part No. - TK65926MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65910M TOKO-TK65910M Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65910MTL TOKO-TK65910MTL Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65910MTL/A0 TOKO-TK65910MTL/A0 Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65911M TOKO-TK65911M Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
TK65911MTL TOKO-TK65911MTL Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
More results

Similar Description - TK65926MTL

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
   EL LAMP DRIVER CONTROLLER
logo
TOKO, Inc
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
   LARGE EL LAMP DRIVER
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
   Dual EL Lamp Driver
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
logo
TOKO, Inc
TK6591X TOKO-TK6591X Datasheet
203Kb / 20P
   SMALL EL LAMP DRIVER
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
   EL LAMP DRIVER IC
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com