Electronic Components Datasheet Search |
|
TK73220 Datasheet(PDF) 5 Page - TOKO, Inc |
|
TK73220 Datasheet(HTML) 5 Page - TOKO, Inc |
5 / 16 page January 1999 TOKO, Inc. Page 5 TK732xx TK73241MCLH, TK73242MCLH ELECTRICAL CHARACTERISTICS CONT. TK73241MCLH, TK73242MCLH ELECTRICAL CHARACTERISTICS TABLE 2 Test Conditions: V IN = VOUT(TYP) + 1 V, IOUT = 30 mA, TA = 25 °C, unless otherwise specified. Room Temp. Range (T A = 25 °C) Full Temp. Range (T A = -10 to +60 °C) Output Voltage Voltage Code V OUT(MIN) V OUT(MAX) V OUT(MIN) V OUT(MAX) 4.1 V 41 4.067 V 4.133 V 4.050 V 4.150 V 4.2 V 42 4.167 V 4.233 V 4.150 V 4.250 V Note 1: Power dissipation is 600 mW when mounted as recommended. Derate at 4.8 mW/ °C for operation above 25 °C. Note 2: Refer to “Definition of Terms.” Note 3: Ripple rejection and noise voltage are affected by the value and characteristics of the capacitor used. Note 4: This pin is used for Pulse Current Limit Mode. When selecting Continuous Current Limit Mode, this pin is connected to GND. Note 5: Not applicable for V OUT > 4.8 V. Note 6: The voltage applied to any pin must be greater than -0.4 V. Gen. Note: Parameters with min. or max. values are 100% tested at T A = 25 °C. |
Similar Part No. - TK73220 |
|
Similar Description - TK73220 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |