Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73222 Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK73222
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73222 Datasheet(HTML) 4 Page - TOKO, Inc

  TK73222 Datasheet HTML 1Page - TOKO, Inc TK73222 Datasheet HTML 2Page - TOKO, Inc TK73222 Datasheet HTML 3Page - TOKO, Inc TK73222 Datasheet HTML 4Page - TOKO, Inc TK73222 Datasheet HTML 5Page - TOKO, Inc TK73222 Datasheet HTML 6Page - TOKO, Inc TK73222 Datasheet HTML 7Page - TOKO, Inc TK73222 Datasheet HTML 8Page - TOKO, Inc TK73222 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 4
January 1999 TOKO, Inc.
TK732xx
ABSOLUTE MAXIMUM RATINGS (SPECIAL DEVICES) (Note 6)
Supply Voltage Range ............................................ 19 V
Power Dissipation (Note 1) ................................ 600 mW
Reverse Bias Voltage Range ..................................... 6 V
Noise Bypass Pin Terminal Voltage Range ............... 5 V
Control Pin Terminal Voltage Range ........................ 14 V
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -10 to +60
°C
Operating Voltage Range ............................ 1.8 to 14.5 V
Junction Temperature ........................................... 150
°C
Lead Soldering Temperature (10 s) ...................... 235
°C
TK73241MCLH, TK73242MCLH ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = VOUT(TYP) + 1 V, TA = 25 °C, unless otherwise specified.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
T
U
O
I
g
n
i
d
u
l
c
x
E
,
A
m
0
=
T
N
O
C
0
4
20
0
3A
µ
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
SV
N
I
F
F
O
t
u
p
t
u
O
,
V
8
=1
.
0A
µ
I
)
K
A
E
L
(
R
)
5
e
t
o
N
(
e
g
a
k
a
e
L
s
a
i
B
e
s
r
e
v
e
R
V
R
l
a
n
r
e
t
x
E
g
n
i
d
u
l
c
x
E
,
V
5
=
F
F
O
t
u
p
t
u
O
,
r
o
t
s
i
s
n
a
r
T
20
5A
n
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
Ot
n
e
d
n
e
p
e
D
r
o
t
s
i
s
n
a
r
T
l
a
n
r
e
t
x
EA
/
NA
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
OI
T
U
O
2
e
l
b
a
T
e
e
S
,
A
m
0
3
=V
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
Dt
n
e
d
n
e
p
e
D
r
o
t
s
i
s
n
a
r
T
l
a
n
r
e
t
x
EA
/
NV
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
L
V
N
I
V
=
)
P
Y
T
(
T
U
O
o
t
V
1
+
V
)
P
Y
T
(
T
U
O
)
2
e
t
o
N
(
V
6
+
0
.
30
2V
m
g
e
r
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
Lt
n
e
d
n
e
p
e
D
r
o
t
s
i
s
n
a
r
T
l
a
n
r
e
t
x
E0
1V
m
I
E
S
A
B
t
n
e
r
r
u
C
e
s
a
B
0
5A
m
V
E
S
N
E
S
e
g
a
t
l
o
V
t
c
e
t
e
D
t
i
m
i
L
t
n
e
r
r
u
C
e
d
o
M
t
i
m
i
L
t
n
e
r
r
u
C
s
u
o
u
n
i
t
n
o
C5
80
0
15
1
1V
m
e
d
o
M
t
i
m
i
L
t
n
e
r
r
u
C
e
s
l
u
P5
70
95
0
1V
m
R
Rn
o
i
t
c
e
j
e
R
e
l
p
p
i
R
C
,
z
H
0
0
4
=
f
L
,
F
µ
0
1
=
C
N
V
,
F
µ
1
.
0
=
N
I
V
=
)
P
Y
T
(
T
U
O
,
V
5
.
1
=
I
T
U
O
V
,
A
m
0
3
=
E
L
P
P
I
R
,
s
m
r
V
m
0
0
1
=
)
3
e
t
o
N
(
7
5B
d
V
O
N
e
s
i
o
N
t
u
p
t
u
O
,
z
H
k
0
3
o
t
z
H
0
0
4
=
F
P
B
,
z
H
k
1
=
f
)
3
e
t
o
N
(
3
1
.
0z
H
/
V
µ
I
E
S
L
U
P
C
E
S
L
U
P
t
n
e
r
r
u
C
l
a
n
i
m
r
e
T
n
i
P)
4
e
t
o
N
(5
15
25
4A
µ
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
0
2C
°
/
m
p
p
V
f
e
r
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
5
2
.
1V
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
I
T
N
O
C
t
n
e
r
r
u
C
l
o
r
t
n
o
CV
T
N
O
C
N
O
t
u
p
t
u
O
,
V
8
.
1
=5
.
60
2A
V
)
N
O
(
T
N
O
C
)
N
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
CN
O
t
u
p
t
u
O8
.
1V
V
)
F
F
O
(
T
N
O
C
)
F
F
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
CF
F
O
t
u
p
t
u
O6
.
0V


Similar Part No. - TK73222

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com