Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73225 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK73225
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73225 Datasheet(HTML) 1 Page - TOKO, Inc

  TK73225 Datasheet HTML 1Page - TOKO, Inc TK73225 Datasheet HTML 2Page - TOKO, Inc TK73225 Datasheet HTML 3Page - TOKO, Inc TK73225 Datasheet HTML 4Page - TOKO, Inc TK73225 Datasheet HTML 5Page - TOKO, Inc TK73225 Datasheet HTML 6Page - TOKO, Inc TK73225 Datasheet HTML 7Page - TOKO, Inc TK73225 Datasheet HTML 8Page - TOKO, Inc TK73225 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 1999 TOKO, Inc.
Page 1
TK732xx
CPULSE
CONTROL
GND
BASE
NOISE
BYPASS
VSENSE
IPK
VIN
TK732xx
01S
FEATURES
s Up to 5 A Output Current Capability With External
PNP Transistor
s Internal Short Circuit Protection
s Excellent Load Regulation
s CMOS/TTL-Compatible On/Off Switch
s Internal Reverse Bias Current Protection Switch
s Internal Thermal Shutdown
s Broad Operating Voltage Range
s High Impedance V
SENSE Pin (Off Mode)
s Continuous and Pulsed Current Modes
APPLICATIONS
s Battery Powered Systems
s Cellular/Cordless Telephones
s Radio Control Systems
s Wireless Communications Systems
s Portable Instrumentations
s Portable Computers
s Personal Digital Assistants
s Local Area Network (LAN) Receivers
s Lithium Ion Battery Chargers
s Power Recovery for Microprocessors
VOLTAGE CODE
20 = 2.0 V *
32 = 3.2 V
44 = 4.4 V
21 = 2.1 V *
33 = 3.3 V
45 = 4.5 V
22 = 2.2 V *
34 = 3.4 V
46 = 4.6 V
23 = 2.3 V *
35 = 3.5 V
47 = 4.7 V
24 = 2.4 V
36 = 3.6 V
48 = 4.8 V
25 = 2.5 V
37 = 3.7 V
49 = 4.9 V
26 = 2.6 V
38 = 3.8 V
50 = 5.0 V
27 = 2.7 V
39 = 3.9 V
55 = 5.5 V *
28 = 2.8 V
40 = 4.0 V
70 = 7.0 V *
29 = 2.9 V
41 = 4.1 V
80 = 8.0 V
30 = 3.0 V
42 = 4.2 V
11 = 11.0 V
31 = 3.1 V
43 = 4.3 V
TK732
M L
ORDERING INFORMATION
Tape/Reel Code
TAPE/REEL CODE
L: Tape Left
TEMP. RANGE
C: -30 to 80 C **
I : -40 to 85 C
Temp. Code
Package Code
Voltage Code
Grade
* Unavailable with I Rank
** unless Otherwise Specified
*** TK73241MCLH, TK73242MCLH Available Only
PACKAGE CODE
M: SOT-23L-8
GRADE
None: Standard
2%
H: High (Special) **
*
BLOCK DIAGRAM
DESCRIPTION
The TK732xx is a controller IC for a low dropout voltage
regulator. The TK732xx and the external PNP power
transistor provide standard output voltages from 2 to 11 V
and output current from 100 mA to 5 A. By utilizing an
external PNP power transistor, low dropout voltage at high
current can be readily achieved. The internal electronic
switch can be controlled by TTL or CMOS logic levels. The
device is in the “on” state when the control pin is pulled to
a high logic level. A pin for a bypass capacitor, which
connects to the internal circuitry, is provided to lower the
overall output noise level.
The current limit characteristics can be configured as
continuous (constant current) or pulsed (cycling). An internal
thermal shutdown circuit limits the junction temperatures
to below 150
°C. In the “off” mode, the output of the
regulator becomes a high impedance. This prevents the
output capacitor from being rapidly discharged for backup
to the load.
CONTROL
NOISE BYPASS
VIN
THERMAL
SENSOR
ON/OFF
CIRCUIT
BANDGAP
REFERENCE
LEAKAGE
PROTECTION
IPK
CPULSE
BASE
VSENSE
GND
LOW DROPOUT REGULATOR


Similar Part No. - TK73225

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73225

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com