Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK83361MTL Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK83361MTL
Description  NARROW BAND FM IF IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK83361MTL Datasheet(HTML) 5 Page - TOKO, Inc

  TK83361MTL Datasheet HTML 1Page - TOKO, Inc TK83361MTL Datasheet HTML 2Page - TOKO, Inc TK83361MTL Datasheet HTML 3Page - TOKO, Inc TK83361MTL Datasheet HTML 4Page - TOKO, Inc TK83361MTL Datasheet HTML 5Page - TOKO, Inc TK83361MTL Datasheet HTML 6Page - TOKO, Inc TK83361MTL Datasheet HTML 7Page - TOKO, Inc TK83361MTL Datasheet HTML 8Page - TOKO, Inc TK83361MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
December 2000 TOKO, Inc.
Page 5
TK83361M
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
9 - 4. Filter Amplifer Section
9 - 5. Squelch Section
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
8
9 10
6.0
5.0
4.0
3.0
2.0
1.0
0.0
fdev., IF DEVIATION FREQUENCY
(kHz)
OUTPUT LEVEL, TOTAL HARMONIC
DISTORTION vs. IF DEVIATION
FREQUENCY
VCC =4.0V
fIF = 455kHz
VIF = +80dBµ
fm = 1kHz
VO(DET)
THD
70
60
50
40
30
20
10
0
1k
10k
100k
1M
fin, FILTER AMPLIFIER INPUT
FREQUENCY (Hz)
GAIN vs. INPUT FREQUENCY
11
10
Rf
R1
1
µF
1
µF
+
+
VCC = 4.0V
Vin = 0.3mV
R1 = 510Ω
Rf = 470kΩ
0.1
1
10
100
Vin, INPUT LEVEL(mVrms)
INPUT LEVEL RESPONSE
10
1
100m
10m
100
10.0
1.0
0.1
THD
VOUT
VCC = 4.0V
Fin = 10kHz
R1 = 510Ω
Rf = 470kΩ
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
.60
.65
.70
.75
.80
VSQ, SQUELCH INPUT VOLTAGE(V)
SC
SC
VCC = 4.0V
SCAN CONTROL vs. SQUELCH
INPUT VOLTAGE
±0
-10
-20
-30
-40
100
1k
10k
100k
1M
fm, IF MODULATION FREQUENCY (HZ)
VCC =4.0V
fIF = 455kHz
VIF = +80dBµ
fdev = ±3kHz
Pin 9: open
RD =
20k
10k
5k
OUTPUT LEVEL vs. IF MODULATION
FREQUENCY
VCC
QUAD
COIL
RD
8


Similar Part No. - TK83361MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
TK83854DIMG TOKO-TK83854DIMG Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
TK83854DIMG/83854 TOKO-TK83854DIMG/83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
TK83854DITL TOKO-TK83854DITL Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
TK83854DITL/83854 TOKO-TK83854DITL/83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results

Similar Description - TK83361MTL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
   NARROW BAND FM IF IC
NJM2292 NJRC-NJM2292_1 Datasheet
131Kb / 6P
   NARROW BAND FM IF IC
logo
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
   Narrow Band Width FM-IF
logo
TOKO, Inc
TK10487 TOKO-TK10487 Datasheet
1Mb / 6P
   NARROW BAND FM-IF AMPLIFIER
TK14600 TOKO-TK14600 Datasheet
96Kb / 8P
   NARROW BAND FM IF AMPLIFIER
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
   LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
   LOW POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com