Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP52T1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BSP52T1
Description  MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BSP52T1 Datasheet(HTML) 3 Page - Motorola, Inc

  BSP52T1 Datasheet HTML 1Page - Motorola, Inc BSP52T1 Datasheet HTML 2Page - Motorola, Inc BSP52T1 Datasheet HTML 3Page - Motorola, Inc BSP52T1 Datasheet HTML 4Page - Motorola, Inc BSP52T1 Datasheet HTML 5Page - Motorola, Inc BSP52T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BSP52T1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT-223
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
0.091
2.3
mm
inches
SOT-223 POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the
pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT-223 package,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 0.8 watts.
PD =
150
°C – 25°C
= 0.8 watts
156
°C/W
The 156
°C/W for the SOT-223 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 0.8 watts. There are
other alternatives to achieving higher power dissipation from
the SOT-223 package. One is to increase the area of the
collector pad. By increasing the area of the collector pad, the
power dissipation can be increased. Although the power
dissipation can almost be doubled with this method, area is
taken up on the printed circuit board which can defeat the
purpose of using surface mount technology. A graph of R
θJA
versus collector pad area is shown in Figure 1.
0.8 Watts
1.25 Watts*
1.5 Watts
°
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 1. Thermal Resistance versus Collector
Pad Area for the SOT-223 Package (Typical)
Board Material = 0.0625
G-10/FR-4, 2 oz Copper
TA = 25°C
*Mounted on the DPAK footprint
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core board,
the power dissipation can be doubled using the same footprint.


Similar Part No. - BSP52T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
BSP52T1 ONSEMI-BSP52T1 Datasheet
47Kb / 4P
   NPN Small?뭆ignal Darlington Transistor
September, 2005 ??Rev. 5
BSP52T1G ONSEMI-BSP52T1G Datasheet
47Kb / 4P
   NPN Small?뭆ignal Darlington Transistor
September, 2005 ??Rev. 5
BSP52T1G ONSEMI-BSP52T1G Datasheet
90Kb / 3P
   NPN Small-Signal Darlington Transistor
September, 2010 ??Rev. 6
BSP52T1G ONSEMI-BSP52T1G Datasheet
96Kb / 4P
   NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
More results

Similar Description - BSP52T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP62T1 MOTOROLA-BSP62T1 Datasheet
179Kb / 6P
   MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
logo
Central Semiconductor C...
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28_10 Datasheet
533Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CXTA27 CENTRAL-CXTA27_10 Datasheet
289Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
   SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
406Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CZTA28 CENTRAL-CZTA28 Datasheet
528Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com