Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71549 Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK71549
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71549 Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK71549 Datasheet HTML 5Page - TOKO, Inc TK71549 Datasheet HTML 6Page - TOKO, Inc TK71549 Datasheet HTML 7Page - TOKO, Inc TK71549 Datasheet HTML 8Page - TOKO, Inc TK71549 Datasheet HTML 9Page - TOKO, Inc TK71549 Datasheet HTML 10Page - TOKO, Inc TK71549 Datasheet HTML 11Page - TOKO, Inc TK71549 Datasheet HTML 12Page - TOKO, Inc TK71549 Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Page 10
January 1999 TOKO, Inc.
TK715xx
TK715xxS
CL
ESR
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear regulators require input and output capacitors in order to maintain regulator loop stability. The output capacitor
should be selected within the Equivalent Series Resistance (ESR) range as shown in the graphs below for stable
operation. When a ceramic capacitor is connected in parallel with the output capacitor, a maximum of 1000 pF is
recommended. This is because the ceramic capacitor's electrical characteristics (capacitance and ESR) vary widely over
temperature. If a large ceramic capacitor is used, a resistor should be connected in series with it to bring it into the stable
operating area shown in the graphs below. Minimum resistance should be added to maintain load and line transient
response.
Note: It is very important to check the selected manufacturers electrical characteristics (capacitance and ESR) over
temperature.
715xxS
CL
ESR
100
10
1
0.1
0 .01
0
50
100
IOUT (mA)
STABLE
OPERATION
AREA
100
10
1
0.1
0 .01
0
50
100
IOUT (mA)
STABLE
OPERATION
AREA
100
10
1
0.1
0 .01
0
50
100
IOUT (mA)
STABLE
OPERATION
AREA
C
L = 1.0 µF
C
L = 2.2 µF
C
L = 4.7 µF
Note: It is not necessary to connect a ceramic capacitor
in parallel with an aluminum or tantalum output capacitor.


Similar Part No. - TK71549

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71549AS TOKO-TK71549AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71549ASCL TOKO-TK71549ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71549ASCL/49 TOKO-TK71549ASCL/49 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71549

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com