Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100GXHH22 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 100GXHH22
Description  DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

100GXHH22 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  100GXHH22 Datasheet HTML 1Page - Toshiba Semiconductor 100GXHH22 Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 100GXHH22

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
100G-Q28-Q28-C-00501-C ATGBICS-100G-Q28-Q28-C-00501-C Datasheet
246Kb / 6P
   100G-Q28-Q28-C-00501 Brocade Compatible Direct Attach Copper Twinax Cable QSFP28 100G (0.5m, Passive)
100G-Q28-Q28-C-0101-C ATGBICS-100G-Q28-Q28-C-0101-C Datasheet
246Kb / 6P
   100G-Q28-Q28-C-0101 Brocade Compatible Direct Attach Copper Twinax Cable QSFP28 100G (1m, Passive)
100G-Q28-Q28-C-01501-C ATGBICS-100G-Q28-Q28-C-01501-C Datasheet
246Kb / 6P
   100G-Q28-Q28-C-01501 Brocade Compatible Direct Attach Copper Twinax Cable QSFP28 100G (1.5m, Passive)
100G-Q28-Q28-C-0201-C ATGBICS-100G-Q28-Q28-C-0201-C Datasheet
246Kb / 6P
   100G-Q28-Q28-C-0201 Brocade Compatible Direct Attach Copper Twinax Cable QSFP28 100G (2m, Passive)
100G-Q28-Q28-C-02501-C ATGBICS-100G-Q28-Q28-C-02501-C Datasheet
246Kb / 6P
   100G-Q28-Q28-C-02501 Brocade Compatible Direct Attach Copper Twinax Cable QSFP28 100G (2.5m, Passive)
More results

Similar Description - 100GXHH22

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
200FXG13 TOSHIBA-200FXG13 Datasheet
115Kb / 2P
   DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
100FXG13 TOSHIBA-100FXG13 Datasheet
116Kb / 2P
   DIODE (SPEED RECTIFIER APPLICATIONS)
800EXH22 TOSHIBA-800EXH22 Datasheet
118Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
1200JXH23 TOSHIBA-1200JXH23 Datasheet
109Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
50FXFG13 TOSHIBA-50FXFG13 Datasheet
115Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
500EXH22 TOSHIBA-500EXH22 Datasheet
106Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
800JXH23 TOSHIBA-800JXH23 Datasheet
107Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
500YKH22 TOSHIBA-500YKH22 Datasheet
106Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
300EXH22 TOSHIBA-300EXH22 Datasheet
105Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
3BH41 TOSHIBA-3BH41 Datasheet
120Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com