Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA540-450 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA540-450
Description  14 Pin DIP 10 Tap High Speed CMOS(HCT) Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA540-450 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA540-450 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Schematic
Input Pulse Test Conditions @ 25°C
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
150
%
TRI
Input Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ PW
≤ 500nS
1.0
MHz
Pulse Repetition Rate @ PW > 500nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Package Dimensions
14 Pin DIP 10 Tap High Speed CMOS(HCT)
Compatible Active Delay Lines
Recommended
Operating Conditions
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
Volt
VI
DC Input Voltage Range
0
VCC
Volt
VO
DC Output Voltage Range
0
VCC
Volt
PW*
Pulse Width % of Total Delay
40
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS†
±5% or ±2 nS†
NUMBER
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V.
* 1stt ap is 12 ± 2 nS.
*4.0 ±1
48
EPA540-48
*5.0 ±1
57
EPA540-57
*6.0 ±1
66
EPA540-66
*7.5 ±1
79.5
EPA540-79.5
*10.0
102
EPA540-102
12.5
125
EPA540-125
15.0
150
EPA540-150
17.5
175
EPA540-175
20.0
200
EPA540-200
22.5
225
EPA540-225
25.0
250
EPA540-250
30.0
300
EPA540-300
35.0
350
EPA540-350
40.0
400
EPA540-400
42.0
420
EPA540-420
44
440
EPA540-440
45
450
EPA540-450
47
470
EPA540-470
50
500
EPA540-500
55
550
EPA540-550
60
600
EPA540-600
65
650
EPA540-650
70
700
EPA540-700
75
750
EPA540-750
80
800
EPA540-800
85
850
EPA540-850
90
900
EPA540-900
95
950
EPA540-950
100
1000
EPA540-1000
DC Electrical Characteristics
Test Conditions
Min
Max Unit
VIH
High Level Input Voltage
VCC=4.5 to 5.5
2.0
Volt
VIL
Low Level Input Voltage
VCC=4.5 to 5.5
0.8
Volt
VOH
High Level Output Voltage VCC=4.5V,I O=-4.0mA
4.0
Volt
@VIH or VIL
VOL
Low Level Output Voltage
VCC=4.5V,I O= 4.0mA
0.3
Volt
@VIH or VIL
IL
Input Leakage Current
VCC=5.5V @VIH or VIL
±1.0
uA
ICCL
Supply Current
VCC=5.5V, VIN=0
15
mA
TRO
Output Rise Time
≤550 nS (.75 - 2.4 Volts)
4
nS
Parameter
I OH
High-Level Output Voltage
I OL
Low-Level Output Voltage
4
nS
5
nS
≥550 nS (.75 - 2.4 Volts)
-4
nS
DSA540 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
.010
± .002
.020
Min.
.365 Max.
.120 Min.
.100
Typ.
.020 ±
.002 Typ.
.250 Max.
.780 Max.
.280 Max.
White Dot
Pin #1
PCA
EPA540-48
Date Code
13
3
12
4
11
5
10
6
9
8
1
7
OUTPUT
GROUND
INPUT
14 VCC


Similar Part No. - EPA540-450

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA500-10 PCA-EPA500-10 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA500-10(-RC) PCA-EPA500-10(-RC) Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA500-10-RC PCA-EPA500-10-RC Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA500-100 PCA-EPA500-100 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA500-100(-RC) PCA-EPA500-100(-RC) Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
More results

Similar Description - EPA540-450

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA220-32 PCA-EPA220-32 Datasheet
19Kb / 1P
   14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G-32 PCA-EP9604G-32 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA1130-32 PCA-EPA1130-32 Datasheet
23Kb / 1P
   8 Pin 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604-32 PCA-EP9604-32 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604 PCA-EP9604_15 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G PCA-EP9604G_15 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com