Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA810-25 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA810-25
Description  14 Pin SMD Single Output TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA810-25 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA810-25 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPA810-XX & EPA810-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA810-XX & -RC
Rev. A1
2/1/06 RR
Package
Add “-RC” after part number for RoHS Compliant
Time Delays
(†±5% or ± 2nS)
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
PCA
Part Number
EPA810-5(-RC)
EPA810-6(-RC)
EPA810-7(-RC)
EPA810-8(-RC)
EPA810-9(-RC)
EPA810-10(-RC)
EPA810-11(-RC)
EPA810-12(-RC)
EPA810-13(-RC)
EPA810-14(-RC)
EPA810-15(-RC)
EPA810-16(-RC)
EPA810-17(-RC)
EPA810-18(-RC)
EPA810-19(-RC)
EPA810-20(-RC)
EPA810-21(-RC)
†Whichever is greater. • Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
Schematic
Notes :
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
4. Weight
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(Tube)
EPA810-XX-RC
260°C
TBD grams
4
(72 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Sn
25 pieces/tube
EPA810-XX
225°C
TBD grams
3
(168 hours,
≤30°C/60%RH)
SnPb
SnPb
25 pieces/tube
DC Electrical Characteristics
Parameter
Test Conditions
Unit
Min.
Max.
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL Load
Recommended Operating Conditions Min.
Max.
Unit
*These two values are inter-dependent.
VCC Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW* Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
14 Pin SMD Single Output
TTL Compatible Active Delay Lines
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.600
(15.24)
PCA
EPA810-XX(-RC)
D.C.
.280 Max.
(7.11)
.780 Max.
(19.81)
.200 Max.
(5.08)
.010
Typ.
(2.54)
.420 Max.
(10.67)
.020
(.508)
.050
(1.27)
.300
(7.62)
Time Delays
(†±5% or ± 2nS)
22
23
24
25
30
35
40
45
50
55
60
65
70
75
80
85
90
PCA
Part Number
EPA810-22(-RC)
EPA810-23(-RC)
EPA810-24(-RC)
EPA810-25(-RC)
EPA810-30(-RC)
EPA810-35(-RC)
EPA810-40(-RC)
EPA810-45(-RC)
EPA810-50(-RC)
EPA810-55(-RC)
EPA810-60(-RC)
EPA810-65(-RC)
EPA810-70(-RC)
EPA810-75(-RC)
EPA810-80(-RC)
EPA810-85(-RC)
EPA810-90(-RC)
Time Delays
(†±5% or ± 2nS)
95
100
125
150
175
200
225
250
275
300
350
400
500
600
700
800
900
1000
PCA
Part Number
EPA810-95(-RC)
EPA810-100(-RC)
EPA810-125(-RC)
EPA810-150(-RC)
EPA810-175(-RC)
EPA810-200(-RC)
EPA810-225(-RC)
EPA810-250(-RC)
EPA810-275(-RC)
EPA810-300(-RC)
EPA810-350(-RC)
EPA810-400(-RC)
EPA810-500(-RC)
EPA810-600(-RC)
EPA810-700(-RC)
EPA810-800(-RC)
EPA810-900(-RC)
EPA810-1000(-RC)


Similar Part No. - EPA810-25

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA810-25(-RC) PCA-EPA810-25(-RC) Datasheet
20Kb / 1P
   14 Pin SMD Single Output TTL Compatible Active Delay Lines
EPA810-250(-RC) PCA-EPA810-250(-RC) Datasheet
20Kb / 1P
   14 Pin SMD Single Output TTL Compatible Active Delay Lines
More results

Similar Description - EPA810-25

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA810 PCA-EPA810_15 Datasheet
20Kb / 1P
   14 Pin SMD Single Output TTL Compatible Active Delay Lines
EP9430-5 PCA-EP9430-5 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EP9430 PCA-EP9430_15 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EPA426 PCA-EPA426_15 Datasheet
19Kb / 1P
   SMD 8 Pin Single Output TTL Compatible Active Delay Lines
EPA426-5 PCA-EPA426-5 Datasheet
19Kb / 1P
   SMD 8 Pin Single Output TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9934 ETC1-EP9934 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EPA280-5 PCA-EPA280-5 Datasheet
20Kb / 1P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
EPA280 PCA-EPA280_15 Datasheet
20Kb / 1P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com