Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA500-500 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA500-500
Description  14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA500-500 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA500-500 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPA500-XX & EPA500-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA500-XX & -RC
Rev. 1
1/22/07 RR
Add “-RC” after part number for RoHS Compliant
Time Delays
(nS)
5 ± 1
6 ± 1
7 ± 1
8 ± 1
9 ± 1
10 ± 1
11 ± 1
12 ± 1
13 ± 1
14 ± 1
15 ± 1
16 ± 1
17 ± 1
18 ± 1
19 ± 1
20 ± 1
21 ± 1
22 ± 1
PCA
Part Number
EPA500-5(-RC)
EPA500-6(-RC)
EPA500-7(-RC)
EPA500-8(-RC)
EPA500-9(-RC)
EPA500-10(-RC)
EPA500-11(-RC)
EPA500-12(-RC)
EPA500-13(-RC)
EPA500-14(-RC)
EPA500-15(-RC)
EPA500-16(-RC)
EPA500-17(-RC)
EPA500-18(-RC)
EPA500-19(-RC)
EPA500-20(-RC)
EPA500-21(-RC)
EPA500-22(-RC)
Delay times referenced from input to leading and trailing edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
0
Max.
5.25
0.8
-18
-1.0
20
40
+70
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Max.
0.5
-1.2
50
1.0
-2
-100
75
75
4
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
mA
mA
14 Pin DIP High Precision Single Output
TTL Compatible Active Delay Lines
PCA
Part Number
EPA500-23(-RC)
EPA500-24(-RC)
EPA500-25(-RC)
EPA500-30(-RC)
EPA500-35(-RC)
EPA500-40(-RC)
EPA500-45(-RC)
EPA500-50(-RC)
EPA500-55(-RC)
EPA500-60(-RC)
EPA500-65(-RC)
EPA500-70(-RC)
EPA500-75(-RC)
EPA500-80(-RC)
EPA500-85(-RC)
EPA500-90(-RC)
EPA500-95(-RC)
EPA500-100(-RC)
Time Delays
(nS)
23 ± 1
24 ± 1
25 ± 1
30 ± 1.5
35 ± 1.5
40 ± 1.5
45 ± 2
50 ± 2
55 ± 2
60 ± 2
65 ± 2.5
70 ± 2.5
75 ± 2.5
80 ± 2.5
85 ± 3
90 ± 3
95 ± 3
100 ± 3
PCA
Part Number
EPA500-125(-RC)
EPA500-150(-RC)
EPA500-175(-RC)
EPA500-200(-RC)
EPA500-225(-RC)
EPA500-250(-RC)
EPA500-275(-RC)
EPA500-300(-RC)
EPA500-350(-RC)
EPA500-400(-RC)
EPA500-450(-RC)
EPA500-500(-RC)
EPA500-600(-RC)
EPA500-700(-RC)
EPA500-800(-RC)
EPA500-900(-RC)
EPA500-1000(-RC)
Time Delays
(nS)
125 ± 4
150 ± 4.5
175 ± 5
200 ± 6
225 ± 7
250 ± 8
275 ± 9
300 ± 10
350 ± 11
400 ± 12
450 ± 14
500 ± 15
600 ± 18
700 ± 20
800 ± 22
900 ± 24
1000 ± 26
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information (Tube)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPA500-XX-RC
245°C
TBD grams
TBD pieces/tube
EPA500-XX
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
TBD grams
TBD pieces/tube
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Matte Tin with Ni Barrier
Package
PCA
EPA500-XX(-RC)
Date Code
.780 Max.
(19.81)
.010
Typ.
(.254)
.280
Max.
(7.11)
.365 Max.
(9.27)
.150
(3.81)
.020/.040
(.508/1.02)
Pin 1
I.D.
.250 Max.
(6.35)
.020 Typ.
(.508)
.600
(15.24)
Schematic
8
1
7
OUTPUT
GROUND
INPUT
14
VCC


Similar Part No. - EPA500-500

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA500-500(-RC) PCA-EPA500-500(-RC) Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
More results

Similar Description - EPA500-500

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA500 PCA-EPA500_15 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EP9430-5 PCA-EP9430-5 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EP9430 PCA-EP9430_15 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EPA1825-5 PCA-EPA1825-5 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
EP9734-5 PCA-EP9734-5 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
EP9206-005 PCA-EP9206-005 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9206-005 ETC2-EP9206-005 Datasheet
21Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EP9206 PCA-EP9206_15 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
EPA810-5 PCA-EPA810-5 Datasheet
20Kb / 1P
   14 Pin SMD Single Output TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com