Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK73220MCLH Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK73220MCLH
Description  LOW DROPOUT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK73220MCLH Datasheet(HTML) 5 Page - TOKO, Inc

  TK73220MCLH Datasheet HTML 1Page - TOKO, Inc TK73220MCLH Datasheet HTML 2Page - TOKO, Inc TK73220MCLH Datasheet HTML 3Page - TOKO, Inc TK73220MCLH Datasheet HTML 4Page - TOKO, Inc TK73220MCLH Datasheet HTML 5Page - TOKO, Inc TK73220MCLH Datasheet HTML 6Page - TOKO, Inc TK73220MCLH Datasheet HTML 7Page - TOKO, Inc TK73220MCLH Datasheet HTML 8Page - TOKO, Inc TK73220MCLH Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
January 1999 TOKO, Inc.
Page 5
TK732xx
TK73241MCLH, TK73242MCLH ELECTRICAL CHARACTERISTICS CONT.
TK73241MCLH, TK73242MCLH ELECTRICAL CHARACTERISTICS TABLE 2
Test Conditions: V
IN = VOUT(TYP) + 1 V, IOUT = 30 mA, TA = 25 °C, unless otherwise specified.
Room Temp. Range (T
A = 25 °C)
Full Temp. Range (T
A = -10 to +60 °C)
Output Voltage
Voltage Code
V
OUT(MIN)
V
OUT(MAX)
V
OUT(MIN)
V
OUT(MAX)
4.1 V
41
4.067 V
4.133 V
4.050 V
4.150 V
4.2 V
42
4.167 V
4.233 V
4.150 V
4.250 V
Note 1: Power dissipation is 600 mW when mounted as recommended. Derate at 4.8 mW/
°C for operation above 25 °C.
Note 2: Refer to “Definition of Terms.”
Note 3: Ripple rejection and noise voltage are affected by the value and characteristics of the capacitor used.
Note 4: This pin is used for Pulse Current Limit Mode. When selecting Continuous Current Limit Mode, this pin is connected to GND.
Note 5: Not applicable for V
OUT > 4.8 V.
Note 6: The voltage applied to any pin must be greater than -0.4 V.
Gen. Note: Parameters with min. or max. values are 100% tested at T
A = 25 °C.


Similar Part No. - TK73220MCLH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK73220MCLH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com