Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2701A-1-F4 Datasheet(PDF) 2 Page - NEC

Part # PS2701A-1-F4
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2701A-1-F4 Datasheet(HTML) 2 Page - NEC

  PS2701A-1-F4 Datasheet HTML 1Page - NEC PS2701A-1-F4 Datasheet HTML 2Page - NEC PS2701A-1-F4 Datasheet HTML 3Page - NEC PS2701A-1-F4 Datasheet HTML 4Page - NEC PS2701A-1-F4 Datasheet HTML 5Page - NEC PS2701A-1-F4 Datasheet HTML 6Page - NEC PS2701A-1-F4 Datasheet HTML 7Page - NEC PS2701A-1-F4 Datasheet HTML 8Page - NEC PS2701A-1-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet PN10396EJ05V0DS
2
PS2701A-1
PACKAGE DIMENSIONS (in millimeters)
4.0±0.5
7.0±0.3
4.4
0.5±0.3
2.54
0.4+0.10
–0.05
0.25 M
1
2
4
3
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
5 mm
Outer Creepage Distance
5 mm
Inner Creepage Distance
2.5 mm
Isolation Distance
0.3 mm
MARKING EXAMPLE
Pb-Free
Special version (Pb-Free and Halogen Free)
*1
N
9
31
CTR Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
701A
N931
No. 1 pin Mark
*1
*1 Bar: Pb-Free
Remark "PS2" and "-1" are omitted from original type number
Trade Mark
Type Number
Assembly Lot
N
9
31
CTR Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
701A
N931
No. 1 pin Mark
Trade Mark
Type Number
Assembly Lot
*1 Bar: Pb-Free and Halogen Free
Remark "PS2" and "-1" are omitted from original type number
<R>
<R>


Similar Part No. - PS2701A-1-F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2701A-1-F4 ETC-PS2701A-1-F4 Datasheet
117Kb / 4P
   NEC is HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1-F4 CEL-PS2701A-1-F4 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2701A-1-F4-A CEL-PS2701A-1-F4-A Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2701A-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com