Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761B-1-V Datasheet(PDF) 2 Page - NEC

Part # PS2761B-1-V
Description  4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2761B-1-V Datasheet(HTML) 2 Page - NEC

  PS2761B-1-V Datasheet HTML 1Page - NEC PS2761B-1-V Datasheet HTML 2Page - NEC PS2761B-1-V Datasheet HTML 3Page - NEC PS2761B-1-V Datasheet HTML 4Page - NEC PS2761B-1-V Datasheet HTML 5Page - NEC PS2761B-1-V Datasheet HTML 6Page - NEC PS2761B-1-V Datasheet HTML 7Page - NEC PS2761B-1-V Datasheet HTML 8Page - NEC PS2761B-1-V Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet PN10651EJ03V0DS
2
PS2761B-1
PACKAGE DIMENSIONS (Unit: mm)
4±0.5
7.0±0.3
4.4
0.5±0.3
2.54
0.4+0.10
–0.05
0.25 M
1
2
4
3
MARKING EXAMPLE
Pb-Free
Special version (Pb-Free and Halogen Free)
M
8
31
CTR Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
761B
M831
No. 1 pin Mark
*1
*1 Bar: Pb-Free
Remark "PS" and "-1" are omitted from original type number
Trade Mark
Type Number
Assembly Lot
M
8
31
CTR Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
761B
M831
No. 1 pin Mark
*1
Trade Mark
Type Number
Assembly Lot
*1 Bar: Pb-Free and Halogen Free
Remark "PS" and "-1" are omitted from original type number
PHOTOCOUPLER CONSTRUCTION
Parameter
PS2761B-1
Air Distance (MIN.)
5 mm
Outer Creepage Distance (MIN.)
5 mm
Isolation Distance (MIN.)
0.4 mm
<R>


Similar Part No. - PS2761B-1-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2761B-1-V CEL-PS2761B-1-V Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-V-A CEL-PS2761B-1-V-A Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-V-F3 CEL-PS2761B-1-V-F3 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-V-F3-A CEL-PS2761B-1-V-F3-A Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2761B-1-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com