Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561DL-1 Datasheet(PDF) 1 Page - NEC

Part # PS2561DL-1
Description  DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2561DL-1 Datasheet(HTML) 1 Page - NEC

  PS2561DL-1 Datasheet HTML 1Page - NEC PS2561DL-1 Datasheet HTML 2Page - NEC PS2561DL-1 Datasheet HTML 3Page - NEC PS2561DL-1 Datasheet HTML 4Page - NEC PS2561DL-1 Datasheet HTML 5Page - NEC PS2561DL-1 Datasheet HTML 6Page - NEC PS2561DL-1 Datasheet HTML 7Page - NEC PS2561DL-1 Datasheet HTML 8Page - NEC PS2561DL-1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2009
1. Anode
2. Cathode
3. Emitter
4. Collector
12
43
PIN CONNECTION
(Top View)
DESCRIPTION
The PS2561D-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
The PS2561D-1 is in a plastic DIP (Dual In-line Package) and the PS2561DL-1 is lead bending type (Gull-wing) for
surface mount.
The PS2561DL1-1 is lead bending type for long creepage distance.
The PS2561DL2-1 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• Operating ambient temperature: 110
°C
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High current transfer ratio (CTR = 160% TYP.)
• High-speed switching (tr = 3
μs TYP., tf = 5 μs TYP.)
• Ordering number of taping product: PS2561DL-1-F3 : 2 000 pcs/reel
: PS2561DL2-1-E3: 1 000 pcs/reel
• Pb-Free product
APPLICATIONS
• Power supply
• Telephone/FAX.
• FA/OA equipment
• Programmable logic controller
PRELIMINARY DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS2561D-1,PS2561DL-1
PS2561DL1-1,PS2561DL2-1
DIP PHOTOCOUPLER
OPERATING AMBIENT TEMPERATURE 110
°C
−NEPOC Series−
Document No. PN10777EJ01V0DS (1st edition)
Date Published August 2009 NS
Printed in Japan


Similar Part No. - PS2561DL-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561DL-1 RENESAS-PS2561DL-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561DL-1 CEL-PS2561DL-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561DL-1 RENESAS-PS2561DL-1 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561DL-1-F3 RENESAS-PS2561DL-1-F3 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561DL-1-F3 CEL-PS2561DL-1-F3 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561DL-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com