Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71536SCL Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK71536SCL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71536SCL Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK71536SCL Datasheet HTML 2Page - TOKO, Inc TK71536SCL Datasheet HTML 3Page - TOKO, Inc TK71536SCL Datasheet HTML 4Page - TOKO, Inc TK71536SCL Datasheet HTML 5Page - TOKO, Inc TK71536SCL Datasheet HTML 6Page - TOKO, Inc TK71536SCL Datasheet HTML 7Page - TOKO, Inc TK71536SCL Datasheet HTML 8Page - TOKO, Inc TK71536SCL Datasheet HTML 9Page - TOKO, Inc TK71536SCL Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6
January 1999 TOKO, Inc.
TK715xx
715xx
CL
4.7 µF
VOUT
VIN
CIN
0.1 to 1 µF
RIPPLE REJECTION CIRCUIT
-100
0
OUTPUT CURRENT VS.
DROPOUT VOLTAGE
IOUT (mA)
-200
0
50
100
200
500
GROUND CURRENT 1 VS.
OUTPUT CURRENT
IOUT (mA)
100
0
5
10
15
20
25
400
300
0
2
5
GROUND CURRENT 2 VS.
OUTPUT CURRENT
IOUT (mA)
1
0
20
40
60
80
100
4
3
0
160
220
MAXIMUM OUTPUT CURRENT VS.
TEMPERATURE
TA (°C)
150
-50
0
50
100
200
180
VOUT IS 2.7 V OR MORE
140
200
NOISE LEVEL VS.
OUTPUT CURRENT
IOUT (mA)
120
0
50
100
180
160
100
1 µF
2.2 µF
3.3 µF
4.7 µF
10 µF
CL =
CIN =10 µF
BW = 10 Hz to 80 kHz
140
200
NOISE LEVEL VS. CL
CL (µF)
120
1.0
5.0
10
180
160
100
5 mA
10 mA
30 mA
60 mA
90 mA
CIN =10 µF
BW = 10 Hz to 80 kHz
IOUT =
RIPPLE REJECTION
0.01
0.1
1
10
f (kHz)
-80
-20
-60
-40
0
-100
IOUT = 10 mA
CL = 4.7 µF
-10
OUTPUT VOLTAGE VS.
TEMPERATURE
TA (°C)
-20
-50
0
50
100
10
0
20
-30
3.0 V
2.9 V
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK71536SCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71536AS TOKO-TK71536AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71536ASCL TOKO-TK71536ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71536ASCL/36 TOKO-TK71536ASCL/36 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71536SCL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com